Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61QDP2B42M36A1 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS61QDP2B42M36A1
Description  2Mx36 and 4Mx18 configuration available
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDP2B42M36A1 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS61QDP2B42M36A1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61QDP2B42M36A1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDP2B42M36A1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDP2B42M36A1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDP2B42M36A1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDP2B42M36A1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDP2B42M36A1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDP2B42M36A1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDP2B42M36A1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
IS61QDP2B44M18A/A1/A2
IS61QDP2B42M36A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. C
09/20/2014
2
Package ballout and description
x36 FBGA Ball
ballout (Top View)
1
2
3
4
5
6
7
8
9
10
11
A
CQ#
NC/SA
1
SA
W#
BW2#
K#
BW1#
R#
SA
NC/SA
1
CQ
B
Q27
Q18
D18
SA
BW3#
K
BW0#
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
NC
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
Doff#
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
QVLD
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
The following balls are reserved for higher densities: 10A for 144Mb, and 2A for 288Mb.
x18 FBGA Ball
ballout (Top View)
1
2
3
4
5
6
7
8
9
10
11
A
CQ#
NC/SA
1
SA
W#
BW1#
K#
NC/SA
1
R#
SA
SA
CQ
B
NC
Q9
D9
SA
NC
K
BW0#
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
NC
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff#
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
QVLD
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
Notes:
1.
The following balls are reserved for higher densities: 2A for 144Mb, and 7A for 288Mb.


Similar Part No. - IS61QDP2B42M36A1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDP2B42M18A ISSI-IS61QDP2B42M18A Datasheet
865Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B42M18A1 ISSI-IS61QDP2B42M18A1 Datasheet
865Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B42M18A2 ISSI-IS61QDP2B42M18A2 Datasheet
865Kb / 33P
   1Mx36 and 2Mx18 configuration available
More results

Similar Description - IS61QDP2B42M36A1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB44M18A ISSI-IS61QDB44M18A Datasheet
803Kb / 30P
   2Mx36 and 4Mx18 configuration available
IS61QDPB44M18B ISSI-IS61QDPB44M18B Datasheet
937Kb / 33P
   2Mx36 and 4Mx18 configuration available
IS61QDB24M18A ISSI-IS61QDB24M18A Datasheet
776Kb / 29P
   2Mx36 and 4Mx18 configuration available
IS61QDP2B24M18A ISSI-IS61QDP2B24M18A Datasheet
815Kb / 31P
   2Mx36 and 4Mx18 configuration available
IS61QDPB44M18A ISSI-IS61QDPB44M18A Datasheet
920Kb / 33P
   2Mx36 and 4Mx18 configuration available
logo
Samsung semiconductor
K7N641845M SAMSUNG-K7N641845M Datasheet
455Kb / 24P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7N643645M SAMSUNG-K7N643645M Datasheet
555Kb / 25P
   2Mx36 & 4Mx18 Pipelined NtRAM
K7R643684M SAMSUNG-K7R643684M_07 Datasheet
451Kb / 19P
   2Mx36 & 4Mx18 QDR II b4 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com