Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61QDPB251236A Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61QDPB251236A
Description  512Kx36 and 1Mx18 configuration available
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDPB251236A Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61QDPB251236A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61QDPB251236A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDPB251236A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDPB251236A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDPB251236A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDPB251236A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDPB251236A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDPB251236A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDPB251236A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
IS61QDPB21M18A/A1/A2
IS61QDPB251236A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/02/2014
4
SRAM Features description
Block Diagram
Data
Register
Address
Register
Control
Logic
D (Data-In)
36 (18)
18 (19)
Address
4 (2)
R#
W#
BWx#
Clock
Generator
K
512K x 36
(1M x 18)
Memory Array
Write
Driver
Select Output Control
Output
Register
18 (19)
36 (18)
36 (18)
72 (36)
72 (36)
36 (18)
Q (Data-out)
CQ, CQ#
(Echo Clocks)
2
C
K#
C#
Doff#
Note: Numerical values in parentheses refer to the x18 device configuration.
Read Operations
The SRAM operates continuously in a burst-of-two mode. Read cycles are started by registering R# in active low state
at the rising edge of the K clock. R# can be activated every other cycle because two full cycles are required to
complete the burst of two in DDR mode. A set of free-running echo clocks, CQ and CQ#, are produced internally with
timings identical to the data-outs. The echo clocks can be used as data capture clocks by the receiver device.
The data corresponding to the first address is clocked two and half cycles later by the rising edge of the K# clock. The
data corresponding to the second burst is clocked three cycles later by the following rising edge of the K clock.
A NOP operation (R# is high) does not terminate the previous read.
Write Operations
Write operations can also be initiated at every rising edge of the K clock with first data whenever W# is low. The write
address is provided half cycle with second data later, registered by the rising edge of K#, so the write always occurs in
bursts of two.
The write data is provided in a
n ‘early write’ mode; that is, the data-in corresponding to the first address of the burst, is
presented half cycle before the rising edge of the following K clock. The data-in corresponding to the second write
burst address follows next, registered by the rising edge of K#.
The data-in provided for writing is initially kept in write buffers. The information in these buffers is written into the array
on the third write cycle. A read cycle to the last write address produces data from the write buffers. Similarly, a read
address followed by the same write address produces the latest write data. The SRAM maintains data coherency.


Similar Part No. - IS61QDPB251236A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB21M36A ISSI-IS61QDPB21M36A Datasheet
793Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB21M36A1 ISSI-IS61QDPB21M36A1 Datasheet
793Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB21M36A2 ISSI-IS61QDPB21M36A2 Datasheet
793Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB22M18A ISSI-IS61QDPB22M18A Datasheet
793Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB22M18A1 ISSI-IS61QDPB22M18A1 Datasheet
793Kb / 33P
   1Mx36 and 2Mx18 configuration available
More results

Similar Description - IS61QDPB251236A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDB21M18A ISSI-IS61QDB21M18A Datasheet
772Kb / 30P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B21M18A ISSI-IS61QDP2B21M18A Datasheet
801Kb / 33P
   512Kx36 and 1Mx18 configuration available
IS61QDPB41M18A ISSI-IS61QDPB41M18A Datasheet
865Kb / 33P
   512Kx36 and 1Mx18 configuration available
IS61QDB41M18A ISSI-IS61QDB41M18A Datasheet
797Kb / 30P
   512Kx36 and 1Mx18 configuration available
IS61QDP2B41M18A ISSI-IS61QDP2B41M18A Datasheet
868Kb / 33P
   512Kx36 and 1Mx18 configuration available
logo
Samsung semiconductor
K7D163674B SAMSUNG-K7D163674B Datasheet
445Kb / 16P
   512Kx36 & 1Mx18 SRAM
K7P163666A SAMSUNG-K7P163666A Datasheet
321Kb / 14P
   512Kx36 AND 1Mx18 Synchronous Pipelined SRAM
K7B163625A SAMSUNG-K7B163625A Datasheet
263Kb / 19P
   512Kx36 & 1Mx18 Synchronous SRAM
K7N163631B SAMSUNG-K7N163631B_06 Datasheet
565Kb / 25P
   512Kx36 & 1Mx18 Pipelined NtRAM
KM736V989 SAMSUNG-KM736V989 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com