Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61QDPB42M18B Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61QDPB42M18B
Description  1Mx36 and 2Mx18 configuration available
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDPB42M18B Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61QDPB42M18B Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61QDPB42M18B Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDPB42M18B Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDPB42M18B Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDPB42M18B Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDPB42M18B Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDPB42M18B Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDPB42M18B Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDPB42M18B Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
IS61QDPB42M18B/B1/B2
IS61QDPB41M36B/B1/B2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
10/14/2014
1
2Mx18, 1Mx36
36Mb QUADP (Burst 4) SYNCHRONOUS SRAM
(2.5 Cycle Read Latency)
FEATURES
1Mx36 and 2Mx18 configuration available.
On-chip Delay-Locked Loop (DLL) for wide data
valid window.
Separate independent read and write ports with
concurrent read and write operations.
Synchronous pipeline read with late write operation.
Double Data Rate (DDR) interface for read and
write input ports.
2.5 cycle read latency.
Fixed 4-bit burst for read and write operations.
Clock stop support.
Two input clocks (K and K#) for address and control
registering at rising edges only.
Two echo clocks (CQ and CQ#) that are delivered
simultaneously with data.
Data Valid Pin (QVLD).
+1.8V core power supply and 1.5, 1.8V VDDQ, used
with 0.75, 0.9V VREF.
HSTL input and output levels.
Registered addresses, write and read controls, byte
writes, data in, and data outputs.
Full data coherency.
Boundary scan using limited set of JTAG 1149.1
functions.
Byte write capability.
Fine ball grid array (FBGA) package:
13mmx15mm and 15mmx17mm body size
165-ball (11 x 15) array
Programmable impedance output drivers via 5x
user-supplied precision resistor.
ODT (On Die Termination) feature is supported
optionally on data input, K/K#, and BWx#.
The end of top mark (B/B1/B2) is to define options.
IS61QDPB41M36B :
Don’t care ODT function
and pin connection
IS61QDPB41M36B1 : Option1
IS61QDPB41M36B2 : Option2
Refer to more detail description at page 6 for each
ODT option.
DESCRIPTION
The 36Mb IS61QDPB41M36B/B1/B2 and
IS61QDPB42M18B/B1/B2
are synchronous, high-performance CMOS static random
access memory (SRAM) devices.
These SRAMs have separate I/Os, eliminating the need for
high-speed bus turnaround. The rising edge of K clock initiates
the read/write operation, and all internal operations are self-
timed. Refer to the Timing Reference Diagram for Truth Table
for a description of the basic operations of these QUADP
(Burst of 4) SRAMs.
Read and write addresses are registered on alternating rising
edges of the K clock. Reads and writes are performed in
double data rate.
The following are registered internally on the rising edge of the
K clock:
Read/write address
Read enable
Write enable
Byte writes for burst addresses 1 and 3
Data-in for burst addresses 1 and 3
The following are registered on the rising edge of the K# clock:
Byte writes for burst addresses 2 and 4
Data-in for burst addresses 2 and 4
Byte writes can change with the corresponding data-in to
enable or disable writes on a per-byte basis. An internal write
buffer enables the data-ins to be registered one cycle after the
write address. The first data-in burst is clocked one cycle later
than the write command signal, and the second burst is timed
to the following rising edge of the K# clock. Two full clock
cycles are required to complete a write operation.
During the burst read operation, the data-outs from the first
and third bursts are updated from output registers of the third
and fourth rising edges of the K# clock (starting 2.5 cycles later
after read command). The data-outs from the second and
fourth bursts are updated with the fourth and fifth rising edges
of the K clock where the read command receives at the first
rising edge of K. Two full clock cycles are required to complete
a read operation.
The device is operated with a single +1.8V power supply and
is compatible with HSTL I/O interfaces.
NOVEMBER 2014
Copyright © 2014 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS61QDPB42M18B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB42M18A1 ISSI-IS61QDPB42M18A1 Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB42M18A2 ISSI-IS61QDPB42M18A2 Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
More results

Similar Description - IS61QDPB42M18B

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDB22M18A ISSI-IS61QDB22M18A Datasheet
836Kb / 29P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B22M18A ISSI-IS61QDP2B22M18A Datasheet
850Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB22M18A ISSI-IS61QDPB22M18A Datasheet
793Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B42M18A ISSI-IS61QDP2B42M18A Datasheet
865Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61DDPB22M18B ISSI-IS61DDPB22M18B Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7N323631C SAMSUNG-K7N323631C Datasheet
553Kb / 25P
   1Mx36 & 2Mx18 Pipelined NtRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com