Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61QDPB21M36A2 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS61QDPB21M36A2
Description  1Mx36 and 2Mx18 configuration available
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61QDPB21M36A2 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS61QDPB21M36A2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61QDPB21M36A2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61QDPB21M36A2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61QDPB21M36A2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61QDPB21M36A2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61QDPB21M36A2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61QDPB21M36A2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61QDPB21M36A2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61QDPB21M36A2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
IS61QDPB22M18A/A1/A2
IS61QDPB21M36A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. B
12/15/2014
2
Package ballout and description
x36 FBGA Ball Configuration (Top View)
1
2
3
4
5
6
7
8
9
10
11
A
CQ#
NC/SA
1
NC/SA
1
W#
BW2#
K#
BW1#
R#
SA
NC/SA
1
CQ
B
Q27
Q18
D18
SA
BW3#
K
BW0#
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
SA
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
Doff#
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
QVLD
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
Notes:
The following balls are reserved for higher densities: 3A for 72M, 10A for 144Mb, and 2A for 288Mb.
x18 FBGA Ball Configuration (Top View)
1
2
3
4
5
6
7
8
9
10
11
A
CQ#
NC/SA
1
SA
W#
BW1#
K#
NC/SA
1
R#
SA
NC/SA
1
CQ
B
NC
Q9
D9
SA
NC
K
BW0#
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
SA
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff#
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
QVLD
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
Notes:
1.
The following balls are reserved for higher densities: 10A for 72M, 2A for 144Mb, and 7A for 288Mb.


Similar Part No. - IS61QDPB21M36A2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB21M18A ISSI-IS61QDPB21M18A Datasheet
789Kb / 31P
   512Kx36 and 1Mx18 configuration available
IS61QDPB21M18A1 ISSI-IS61QDPB21M18A1 Datasheet
789Kb / 31P
   512Kx36 and 1Mx18 configuration available
IS61QDPB21M18A2 ISSI-IS61QDPB21M18A2 Datasheet
789Kb / 31P
   512Kx36 and 1Mx18 configuration available
More results

Similar Description - IS61QDPB21M36A2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDPB42M18B ISSI-IS61QDPB42M18B Datasheet
886Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDB22M18A ISSI-IS61QDB22M18A Datasheet
836Kb / 29P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B22M18A ISSI-IS61QDP2B22M18A Datasheet
850Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61QDP2B42M18A ISSI-IS61QDP2B42M18A Datasheet
865Kb / 33P
   1Mx36 and 2Mx18 configuration available
IS61DDPB22M18B ISSI-IS61DDPB22M18B Datasheet
889Kb / 31P
   1Mx36 and 2Mx18 configuration available
logo
Samsung semiconductor
K7A323630C SAMSUNG-K7A323630C Datasheet
424Kb / 19P
   1Mx36 and 2Mx18 Synchronous SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7N323631C SAMSUNG-K7N323631C Datasheet
553Kb / 25P
   1Mx36 & 2Mx18 Pipelined NtRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com