Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV25632ALS Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61WV25632ALS
Description  TTL compatible inputs and outputs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV25632ALS Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61WV25632ALS Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV25632ALS Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV25632ALS Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV25632ALS Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV25632ALS Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV25632ALS Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV25632ALS Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV25632ALS Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV25632ALS Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. 00B
04/23/08
IS61WV25632ALL/ALS
IS61WV25632BLL/BLS
IS64WV25632BLL/BLS
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-8
-10
Symbol
Parameter
Min. Max.
Min. Max.
Unit
trC
Read Cycle Time
8
10
ns
taa
Address Access Time
8
10
ns
tOha
Output Hold Time
2.5
2.5
ns
taCe
CE
Access Time
8
10
ns
tdOe
OE
Access Time
5.5
6.5
ns
thzOe(2)
OE
to High-Z Output
3
4
ns
tlzOe(2)
OE
to Low-Z Output
0
0
ns
thzCe(2
CE
to High-Z Output
0
3
0
4
ns
tlzCe(2)
CE
to Low-Z Output
3
3
ns
tba
Byte Enable to Data Valid
5.5
6.5
ns
tlzb
Byte Enable to Low-Z
0
0
ns
thzb
Byte Enable to High-Z
0
3
0
3
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V
and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage.


Similar Part No. - IS61WV25632ALS

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL-20BI ISSI-IS61WV25616ALL-20BI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL-20TI ISSI-IS61WV25616ALL-20TI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL-20TLI ISSI-IS61WV25616ALL-20TLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL/ALS ISSI-IS61WV25616ALL/ALS Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS61WV25632ALS

ManufacturerPart #DatasheetDescription
logo
Micross Components
AS8ERLC128K32 MICROSS-AS8ERLC128K32 Datasheet
459Kb / 19P
   TTL Compatible Inputs and Outputs
logo
ATMEL Corporation
AT68166F ATMEL-AT68166F_14 Datasheet
373Kb / 16P
   TTL-Compatible Inputs and Outputs
logo
Fujitsu Component Limit...
MB7137E FUJITSU-MB7137E Datasheet
718Kb / 16P
   TTL compatible inputs and outputs
logo
Integrated Silicon Solu...
IS61WV10248EDBLL ISSI-IS61WV10248EDBLL Datasheet
814Kb / 18P
   TTL compatible inputs and outputs
IS61WV51216EDALL ISSI-IS61WV51216EDALL Datasheet
921Kb / 19P
   TTL compatible inputs and outputs
logo
Micross Components
AS8ER128K32 MICROSS-AS8ER128K32 Datasheet
452Kb / 19P
   TTL Compatible Inputs and Outputs
logo
ATMEL Corporation
AT68166FT ATMEL-AT68166FT_14 Datasheet
376Kb / 16P
   TTL-Compatible Inputs and Outputs
logo
Alliance Semiconductor ...
AS6C8016-55TIN ALSC-AS6C8016-55TIN Datasheet
1Mb / 11P
   All inputs and outputs TTL compatible
logo
Micross Components
AS8SLC512K32 MICROSS-AS8SLC512K32 Datasheet
192Kb / 12P
   All inputs and outputs are TTL-compatible
MT5C1009 MICROSS-MT5C1009 Datasheet
199Kb / 17P
   All inputs and outputs are TTL compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com