Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62C5128BL Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS62C5128BL
Description  TTL compatible interface levels
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62C5128BL Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS62C5128BL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62C5128BL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62C5128BL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS62C5128BL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS62C5128BL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS62C5128BL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS62C5128BL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS62C5128BL Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS62C5128BL Datasheet HTML 14Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
IS62C5128BL, IS65C5128BL 
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev.  B
06/28/2011
DATA RETENTION SWITCHING CHARACTERISTICS
  Symbol  Parameter 
Test Condition 
Min. 
Max.  Unit
Vdr
VddforDataRetention
SeeDataRetentionWaveform
2.0
5.5
V
idr
DataRetentionCurrent
Vdd=2.0V,CE≥Vdd–0.2V
Com.
10
mA
Vin≥Vdd–0.2V,orVin≤Vss+0.2V
Ind.
15
Auto.
35
typ.(1)
2
tsdr
DataRetentionSetupTime SeeDataRetentionWaveform
0
ns
trdr
RecoveryTime
SeeDataRetentionWaveform
trC
ns
Note: 
1.TypicalValuesaremeasuredatVdd=5V,Ta=25oCandnot100%tested.
DATA RETENTION WAVEFORM (CE Controlled)
VDD
CE
≥ VDD - 0.2V
tSDR
tRDR
VDR
CE
GND
4.5V
Data Retention Mode


Similar Part No. - IS62C5128BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS62C5128BL-45HI ETC2-IS62C5128BL-45HI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C5128BL-45HLI ETC2-IS62C5128BL-45HLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C5128BL-45QI ETC2-IS62C5128BL-45QI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS62C5128BL-45TI ETC2-IS62C5128BL-45TI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS62C5128BL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV51216EALL ISSI-IS62WV51216EALL Datasheet
1Mb / 18P
   TTL compatible interface levels
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS62WV10248DALL ISSI-IS62WV10248DALL Datasheet
490Kb / 15P
   TTL compatible interface levels
IS62WV20488EALL ISSI-IS62WV20488EALL Datasheet
656Kb / 14P
   TTL compatible interface levels
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
logo
Lite-On Technology Corp...
LTDL-TA25B-T1 LITEON-LTDL-TA25B-T1 Datasheet
128Kb / 5P
   TTL INTERFACE COMPATIBLE
LTDL-TA16A LITEON-LTDL-TA16A Datasheet
209Kb / 4P
   TTL INTERFACE COMPATIBLE
LTDL-TA50A LITEON-LTDL-TA50A Datasheet
226Kb / 5P
   TTL INTERFACE COMPATIBLE
logo
Silicon Touch Technolog...
42-DL212B SITI-42-DL212B Datasheet
112Kb / 6P
   TTL interface compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com