Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS65WV51216EALL Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS65WV51216EALL
Description  TTL compatible interface levels
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65WV51216EALL Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS65WV51216EALL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS65WV51216EALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS65WV51216EALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS65WV51216EALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65WV51216EALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65WV51216EALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65WV51216EALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65WV51216EALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65WV51216EALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
IS62/65WV51216EALL
IS62/65WV51216EBLL
Integrated Silicon Solution, Inc.- www.issi.com
5
Rev. B
10/21/2014
ELECTRICAL CHARACTERISTICS
IS62(5)WV51216EALL DC ELECTRICAL CHARACTERISTICS-I (OVER THE OPERATING RANGE)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = -0.1 mA
1.4
V
VOL
Output LOW Voltage
IOL = 0.1 mA
0.2
V
VIH
(1)
Input HIGH Voltage
1.4
VDD + 0.2
V
VIL
(1)
Input LOW Voltage
–0.2
0.4
V
ILI
Input Leakage
GND < VIN < VDD
–1
1
µA
ILO
Output Leakage
GND < VIN < VDD, Output Disabled
–1
1
µA
Notes:
1.
VILL(min) = -1.0V AC (pulse width < 10ns). Not 100% tested.
VIHH (max) = VDD + 1.0V AC (pulse width < 10ns). Not 100% tested.
IS62(5)WV51216EBLL DC ELECTRICAL CHARACTERISTICS-I (OVER THE OPERATING RANGE)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
2.2
≤ V
DD < 2.7, IOH = -0.1 mA
2.0
V
2.7
≤ V
DD ≤ 3.6, IOH = -1.0 mA
2.4
V
VOL
Output LOW Voltage
2.2
≤ V
DD < 2.7, IOL = 0.1 mA
0.4
V
2.7
≤ V
DD ≤ 3.6, IOL = 2.1 mA
0.4
V
VIH
(1)
Input HIGH Voltage
2.2
≤ V
DD < 2.7
1.8
VDD + 0.3
V
2.7
≤ V
DD ≤ 3.6
2.2
VDD + 0.3
V
VIL
(1)
Input LOW Voltage
2.2
≤ V
DD < 2.7
–0.3
0.6
V
2.7
≤ V
DD ≤ 3.6
–0.3
0.8
V
ILI
Input Leakage
GND < VIN < VDD
–1
1
µA
ILO
Output Leakage
GND < VIN < VDD, Output Disabled
–1
1
µA
Notes:
1.
VILL(min) = -2.0V AC (pulse width < 10ns). Not 100% tested.
VIHH (max) = VDD + 2.0V AC (pulse width < 10ns). Not 100% tested.


Similar Part No. - IS65WV51216EALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65WV5128DALL ISSI-IS65WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS65WV5128DBLL ISSI-IS65WV5128DBLL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results

Similar Description - IS65WV51216EALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV2568DALL ISSI-IS62WV2568DALL Datasheet
468Kb / 14P
   TTL compatible interface levels
IS62WV102416EALL ISSI-IS62WV102416EALL Datasheet
1Mb / 15P
   TTL compatible interface levels
IS62WV10248DALL ISSI-IS62WV10248DALL Datasheet
490Kb / 15P
   TTL compatible interface levels
IS62WV20488EALL ISSI-IS62WV20488EALL Datasheet
656Kb / 14P
   TTL compatible interface levels
IS62C5128BL ISSI-IS62C5128BL Datasheet
512Kb / 14P
   TTL compatible interface levels
logo
Nexperia B.V. All right...
74AHCT04A NEXPERIA-74AHCT04A Datasheet
171Kb / 12P
   Direct interface with TTL levels
logo
Lite-On Technology Corp...
LTDL-TA25B-T1 LITEON-LTDL-TA25B-T1 Datasheet
128Kb / 5P
   TTL INTERFACE COMPATIBLE
LTDL-TA16A LITEON-LTDL-TA16A Datasheet
209Kb / 4P
   TTL INTERFACE COMPATIBLE
LTDL-TA50A LITEON-LTDL-TA50A Datasheet
226Kb / 5P
   TTL INTERFACE COMPATIBLE
logo
Silicon Touch Technolog...
42-DL212B SITI-42-DL212B Datasheet
112Kb / 6P
   TTL interface compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com