Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1225CCD-1 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1225CCD-1
Description  12-Bit Plus Sign mP Compatible A/D Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1225CCD-1 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC1225CCD-1 Datasheet HTML 1Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 2Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 3Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 4Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 5Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 6Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 7Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 8Page - National Semiconductor (TI) ADC1225CCD-1 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLH5676
June 1994
ADC1205ADC1225 12-Bit Plus Sign
mP Compatible AD Converters
General Description
The ADC1205 and ADC1225 are CMOS 12-bit plus sign
successive approximation AD converters
The 24-pin
ADC1205 outputs the 13-bit data result in two 8-bit bytes
formatted high-byte first with sign extended The 28-pin
ADC1225 outputs a 13-bit word in parallel for direct inter-
face to a 16-bit data bus
Negative numbers are represented in 2’s complement data
format All digital signals are fully TTL and MOS compatible
A unipolar input (0V to 5V) can be accommodated with a
single 5V supply while a bipolar input (b5V to a5V) re-
quires the addition of a 5V negative supply
The ADC1205C and ADC1225C have a maximum non-lin-
earity of 00224% of Full Scale
Key Specifications
Y
Resolution12 bits plus sign
Y
Linearity Error
g
1 LSB
Y
Conversion Time100 ms
Features
Y
Compatible with all mPs
Y
True differential analog voltage inputs
Y
0V to 5V analog voltage range with single 5V supply
Y
TTLMOS inputoutput compatible
Y
Low power25 mW max
Y
Standard 24-pin or 28-pin DIP
Connection and Functional Diagrams
Dual-In-Line Package
TLH5676 – 1
Top View
Dual-In-Line Package
TLH5676 – 2
Top View
TLH5676 – 3
See Ordering Information
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - ADC1225CCD-1

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC122 MPSIND-ADC122 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC12281 NSC-ADC12281 Datasheet
368Kb / 16P
   12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D Converter
ADC12281CIVT NSC-ADC12281CIVT Datasheet
368Kb / 16P
   12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
More results

Similar Description - ADC1225CCD-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030 Datasheet
2Mb / 52P
[Old version datasheet]   12-Bit Plus Sign Serial I/O A/D Converters
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
logo
Analog Devices
DAC-02 AD-DAC-02 Datasheet
1Mb / 5P
   10-BIT-PLUS-SIGN VOLTAGE-OUTPUT D/A CONVERTERS
REV. C
logo
National Semiconductor ...
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
logo
NXP Semiconductors
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com