Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4ULS3V16ZFE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI4ULS3V16ZFE
Description  1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI4ULS3V16ZFE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI4ULS3V16ZFE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI4ULS3V16ZFE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2013-07-0004
PT0483
07/12/13
3
PI4ULS3V16
1.2V to 3.6V Universal Bidirectional Level
Shifter with Automatic Direction Control
Recommended Operating Conditions
Parameter
Description
VCCI
Min
Max
Units
VCCA, VCCB
Supply Voltage
-
1.2
3.6
V
VIH
High-Level Input
I/O pins
1.2V to 1.95V
0.65 x VCCI
-
2.3V to 2.7V
1.7
-
2.7V to 3.6V
2
VIL
Low-Level Input
I/O pins
1.2V to 1.95V
-
0.35 x VCCI
2.3V to 2.7V
-
0.7
2.7V to 3.6V
-
0.8
VIHB
High-Level Input
Voltage
Control Inputs
(OE and SEL)
1.2V to 1.95V
0.65 x VCCB
-
2.3V to 2.7V
1.7
-
2.7V to 3.6V
2
-
VILB
Low-Level Input
Voltage
Control Inputs
(OE and SEL)
1.2V to 1.95V
-
0.35 x VCCB
2.3V to 2.7V
-
0.7
2.7V to 3.6V
-
0.8
VI
Input Voltage
I/O pins and Control
-
0
3.6
VO
Output Voltage
I/O pins and Control
-
0
3.6
IOH
High-Level Output
I/O pins
VCCO = 1.2V
-
-3
mA
VCCO = 1.4V
-
-5
VCCO = 1.65V
-
-8
VCCO = 2.3V
-
-9
VCCO = 3.0V
-
-12
IOL
Low-Level Output
I/O pins
VCCO = 1.2V
-
3
VCCO = 1.4V
-
5
VCCO = 1.65V
-
8
VCCO = 2.3V
-
9
VCCO = 3.0V
-
12
∆V/∆t
Input Transition rise or fall rate
-
-
10
V/ns
TA
Operating Free-Air Temperature
-
-40
85
°C
Notes:
1.
V
CCI is the VCC associated with the data input port.
2.
V
CCO is the VCC associated with the data output port.
3.
To ensure proper device operation, all unused device inputs must be held at V
CCI or GND.


Similar Part No. - PI4ULS3V16ZFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V16ZFE PERICOM-PI4ULS3V16ZFE Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
More results

Similar Description - PI4ULS3V16ZFE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI4ULS3V08 PERICOM-PI4ULS3V08 Datasheet
751Kb / 8P
   1.2V to 3.6V Universal Bidirectional Level Shifter with Automatic Direction Control
PI4ULS3V16 PERICOM-PI4ULS3V16_07 Datasheet
446Kb / 10P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control
PI4ULS3V08M PERICOM-PI4ULS3V08M Datasheet
624Kb / 8P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS3V16M PERICOM-PI4ULS3V16M Datasheet
657Kb / 9P
   1.2V to 3.6V Universal Bi-directional Level Shifter with Automatic Direction Control & Advanced Package Solution
PI4ULS5V102 PERICOM-PI4ULS5V102 Datasheet
471Kb / 12P
   2-Bit Universal Bi-directional Level Shifter with Automatic Direction Control & Advance Package Solution
PI4ULS5V104GAEX PERICOM-PI4ULS5V104GAEX Datasheet
410Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
PI4ULS5V104 PERICOM-PI4ULS5V104_15 Datasheet
477Kb / 12P
   4-Bit Bi-directional Level Shifter with Automatic Direction Controller
logo
Texas Instruments
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0302 TI1-TXB0302 Datasheet
489Kb / 11P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXS0302 TI1-TXS0302 Datasheet
277Kb / 7P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com