Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1225 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC1225
Description  12-Bit Plus Sign mP Compatible A/D Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1225 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC1225 Datasheet HTML 6Page - National Semiconductor (TI) ADC1225 Datasheet HTML 7Page - National Semiconductor (TI) ADC1225 Datasheet HTML 8Page - National Semiconductor (TI) ADC1225 Datasheet HTML 9Page - National Semiconductor (TI) ADC1225 Datasheet HTML 10Page - National Semiconductor (TI) ADC1225 Datasheet HTML 11Page - National Semiconductor (TI) ADC1225 Datasheet HTML 12Page - National Semiconductor (TI) ADC1225 Datasheet HTML 13Page - National Semiconductor (TI) ADC1225 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Functional Description (Continued)
TABLE II Status Bit Locations and Meanings
(Continued)
Status
Status
Condition to
Bit
Bit
Meaning
Clear Status
Location
Bit
DB1
EOC
‘‘High’’ indicates that
the conversion is
completed and data is
transferred to the
output latch
DB0
INT
‘‘High’’ indicates that
Data read or
it is the end of the
status read
conversion and the
or status
data is ready to read
write
30 INTERFACE
31 RESET OF INTERRUPT
INT goes low at the end of the conversion and indicates that
data is transferred to the output latch By reading data INT
will be reset to high on the leading edge of the first read (RD
going low) INT is also reset on the leading (falling) edge of
WR when starting a conversion
32 READY OUT
To simplify the hardware connection to high speed micro-
processors a READY OUT line is provided This allows the
A-to-D to insert a wait state in the mP’s read cycle The
equivalent circuit and the timing diagram for READY OUT is
shown in
Figures 7 and 8
TLH5676 – 9
FIGURE 7 READY OUT Equivalent Circuit
TLH5676 – 10
FIGURE 8 READY OUT Timing Diagram
33 RESETTING THE AD
All the internal logic can be reset which will abort any con-
version in process and reset the status bits The reset func-
tion is achieved by performing a status write (CS WR and
STATUS are low)
34 ADDITIONAL TIMING AND INTERFACE OPTIONS
ADC1225
1 WR and RD can be tied together with CS low continu-
ously or strobed The previous conversion’s data will be
available when the WR and RD are low as shown below
One drawback is that since the conversion is started on the
falling edge and the data read on the rising edge of WR RD
the first data access will have erroneous information de-
pending on the power-up state of the internal output latch-
es
If the WR RD strobe is longer than the conversion time
INTR will never go low to signal the end of a conversion
The conversion will be completed and the output latches will
be updated In this case the READY OUT signal can be
used to sense the end of the conversion since it will go low
when the output latches are being updated
TLH5676 – 24
FIGURE 9
10


Similar Part No. - ADC1225

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC122 MPSIND-ADC122 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC12281 NSC-ADC12281 Datasheet
368Kb / 16P
   12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D Converter
ADC12281CIVT NSC-ADC12281CIVT Datasheet
368Kb / 16P
   12-Bit, 20 MSPS Single-Ended Input, Pipelined A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
941Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
ADC122S021 NSC-ADC122S021 Datasheet
905Kb / 19P
   2 Channel, 200 KSPS 12-Bit A/D Converter
More results

Similar Description - ADC1225

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC1241 NSC-ADC1241 Datasheet
268Kb / 14P
   Self-Calibrating 12-Bit Plus Sign mP-Compatible A/D Converter with Sample-and-Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030 Datasheet
2Mb / 52P
[Old version datasheet]   12-Bit Plus Sign Serial I/O A/D Converters
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
logo
Analog Devices
DAC-02 AD-DAC-02 Datasheet
1Mb / 5P
   10-BIT-PLUS-SIGN VOLTAGE-OUTPUT D/A CONVERTERS
REV. C
logo
National Semiconductor ...
DAC1231 NSC-DAC1231 Datasheet
813Kb / 4P
   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
Texas Instruments
DAC1208 TI1-DAC1208_11 Datasheet
612Kb / 20P
[Old version datasheet]   DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
logo
NXP Semiconductors
NE5020 PHILIPS-NE5020 Datasheet
99Kb / 10P
   10-Bit mP-compatible D/A converter
August 31, 1994
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
NXP Semiconductors
NE5018 PHILIPS-NE5018 Datasheet
69Kb / 6P
   8-Bit mp-compatible D/A converter
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com