Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS66WVC4M16ALL Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS66WVC4M16ALL
Description  Mixed Mode supports asynchronous write and synchronous read operation
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVC4M16ALL Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS66WVC4M16ALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS66WVC4M16ALL Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
IS66WVC4M16ALL
IS67WVC4M16ALL
8
Rev. B | July 2012
www.issi.com – SRAM@issi.com
Bus Operating Modes
CellularRAM products incorporate a burst mode interface targeted at low-power,
wireless applications. This bus interface supports asynchronous, page mode, and burst
mode read and write transfers. The specific interface supported is defined by the value
loaded into the bus configuration register. Page mode is controlled by the refresh configuration
register (RCR[7]).
Burst Mode Operation
Burst mode operations enable high-speed synchronous READ and WRITE operations.
Burst operations consist of a multi-clock sequence that must be performed in an
ordered fashion. After CE# goes LOW, the address to access is latched on the rising edge
of the next clock that ADV# is LOW. During this first clock rising edge, WE# indicates
whether the operation is going to be a READ (WE#=HIGH) or WRITE(WE#=LOW).
The size of a burst can be specified in the BCR either as a fixed length or continuous.
Fixed-length bursts consist of four, eight, sixteen, or thirty-two words. Continuous
bursts have the ability to start at a specified address and burst to the end of the row.
(Row length of 128 words or 256 words is a manufacturer option.)
The latency count stored in the BCR defines the number of clock cycles that elapse
before the initial data value is transferred between the processor and CellularRAM
device. The initial latency for READ operations can be configured as fixed or variable.
(WRITE operations always use fixed latency). Variable latency allows the CellularRAM to
be configured for minimum latency at high clock frequencies, but the controller must
monitor WAIT to detect any conflict with refresh cycles.(see Figure 26).
Fixed latency outputs the first data word after the worst-case access delay, including
allowance for refresh collisions. The initial latency time and clock speed determine the
latency count setting. Fixed latency is used when the controller cannot monitor WAIT.
Fixed latency also provides improved performance at lower clock frequencies.
The WAIT output asserts when a burst is initiated and de-asserts to indicate when data
is to be transferred into (or out of) the memory. WAIT will again be asserted at the
boundary of the row unless wrapping within the burst length.
To access other devices on the same bus without the timing penalty of the initial latency
for a new burst, burst mode can be suspended. Bursts are suspended by stopping CLK.
CLK must be stopped LOW. If another device will use the data bus while the burst is
suspended, OE# should be taken HIGH to disable the CellularRAM outputs; otherwise,
OE# can remain LOW. Note that the WAIT output will continue to be active, and as a
result no other devices should directly share the WAIT connection to the controller. To
continue the burst sequence, OE# is taken LOW, then CLK is restarted after valid data is
available on the bus.
CE# LOW time is limited by refresh considerations. CE# must not stay LOW longer than
tCEM. If a burst suspension will cause CE# to remain LOW for longer than tCEM, CE#
should be taken HIGH and the burst restarted with a new CE# LOW/ADV# LOW cycle.


Similar Part No. - IS66WVC4M16ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
More results

Similar Description - IS66WVC4M16ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
logo
ATMEL Corporation
M67204H ATMEL-M67204H_14 Datasheet
1Mb / 4P
   Asynchronous Read/Write Operations
logo
Integrated Silicon Solu...
IS61DDB42M18A ISSI-IS61DDB42M18A Datasheet
807Kb / 32P
   Synchronous pipeline read with late write operation
IS61DDB44M18A ISSI-IS61DDB44M18A Datasheet
814Kb / 31P
   Synchronous pipeline read with late write operation
IS61QDB42M18A ISSI-IS61QDB42M18A Datasheet
798Kb / 30P
   Synchronous pipeline read with late write operation
IS66WVD4M16ALL ISSI-IS66WVD4M16ALL Datasheet
946Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD1M16ALL ISSI-IS66WVD1M16ALL Datasheet
1Mb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16ALL ISSI-IS66WVD2M16ALL Datasheet
945Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16DALL ISSI-IS66WVD2M16DALL Datasheet
966Kb / 52P
   Single device supports asynchronous and burst operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com