Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS67WVC4M16ALL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS67WVC4M16ALL
Description  Mixed Mode supports asynchronous write and synchronous read operation
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVC4M16ALL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS67WVC4M16ALL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS67WVC4M16ALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS67WVC4M16ALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS67WVC4M16ALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS67WVC4M16ALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS67WVC4M16ALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS67WVC4M16ALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS67WVC4M16ALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS67WVC4M16ALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
IS66WVC4M16ALL
IS67WVC4M16ALL
1
Rev. B | July 2012
www.issi.com – SRAM@issi.com
Overview
The IS66WVC4M16ALL is an integrated memory device containing 64Mbit Pseudo Static Random Access
Memory using a self-refresh DRAM array organized as 4M words by 16 bits. The device includes several
power saving modes : Reduced Array Refresh mode where data is retained in a portion of the array and
Temperature Controlled Refresh. Both these modes reduce standby current drain. The device can be
operated in a standard asynchronous mode and high performance burst mode. The die has separate power
rails, VDDQ and VSSQ for the I/O to be run from a separate power supply from the device core.
Single device supports asynchronous , page,
and burst operation
Mixed Mode supports asynchronous write and
synchronous read operation
Dual voltage rails for optional performance
VDD 1.7V~1.95V, VDDQ 1.7V~1.95V
Asynchronous mode read access : 70ns
Interpage Read access : 70ns
Intrapage Read access : 20ns
Burst mode for Read and Write operation
4, 8, 16,32 or Continuous
Low Power Consumption
Asynchronous Operation < 25 mA
Intrapage Read < 18mA
Burst operation < 35 mA (@104Mhz)
Standby < 180 uA (max.)
Deep power-down (DPD) < 3uA (Typ)
Low Power Feature
Reduced Array Refresh
Temperature Controlled Refresh
Deep power-down (DPD) mode
Operation Frequency up to 104Mhz
Operating temperature Range
Industrial: -40°C~85°C
Automotive A1: -40°C~85°C
Package: 54-ball VFBGA
64Mb Async/Page/Burst CellularRAM 1.5
Features
Copyright © 2012 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to
its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS67WVC4M16ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS67WVC1M16ALL ISSI-IS67WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
More results

Similar Description - IS67WVC4M16ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
logo
ATMEL Corporation
M67204H ATMEL-M67204H_14 Datasheet
1Mb / 4P
   Asynchronous Read/Write Operations
logo
Integrated Silicon Solu...
IS61DDB42M18A ISSI-IS61DDB42M18A Datasheet
807Kb / 32P
   Synchronous pipeline read with late write operation
IS61DDB44M18A ISSI-IS61DDB44M18A Datasheet
814Kb / 31P
   Synchronous pipeline read with late write operation
IS61QDB42M18A ISSI-IS61QDB42M18A Datasheet
798Kb / 30P
   Synchronous pipeline read with late write operation
IS66WVD4M16ALL ISSI-IS66WVD4M16ALL Datasheet
946Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD1M16ALL ISSI-IS66WVD1M16ALL Datasheet
1Mb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16ALL ISSI-IS66WVD2M16ALL Datasheet
945Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD2M16DALL ISSI-IS66WVD2M16DALL Datasheet
966Kb / 52P
   Single device supports asynchronous and burst operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com