Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NXT-PA Datasheet(PDF) 6 Page - Hirose Electric

Part # NXT-PA
Description  I/O Card Interface Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

NXT-PA Datasheet(HTML) 6 Page - Hirose Electric

Back Button NXT-PA Datasheet HTML 2Page - Hirose Electric NXT-PA Datasheet HTML 3Page - Hirose Electric NXT-PA Datasheet HTML 4Page - Hirose Electric NXT-PA Datasheet HTML 5Page - Hirose Electric NXT-PA Datasheet HTML 6Page - Hirose Electric NXT-PA Datasheet HTML 7Page - Hirose Electric NXT-PA Datasheet HTML 8Page - Hirose Electric NXT-PA Datasheet HTML 9Page - Hirose Electric NXT-PA Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
B13
sFrame kit
s(Frame + 2 X Cover Panels)
sFrame only
NX-09T-KT9
NX-15T-KT9
NX-25T-KT9
NX-32T-KT9
NX-09T-KT3
NX-15T-KT3
NX-25T-KT3
NX-32T-KT3
09
15
25
32
09
15
25
32
234-0010-8
234-0011-0
234-0012-3
234-0026-8
234-0034-6
234-0035-9
234-0036-1
234-0054-3
Part Number
Number of contacts
CL No.
Connectors for the card Side(Note 1)
IC1F-68RD-1.27SFA
IC1F-68RD-1.27SFA
640-0040-3
640-0035-3
0.9mm
0.3mm
Part Number
CL No.
Offset
NX60TA-09SAA9-SP
NX60TB-15SAA9-SP
NX60TA-25SAA9-SP
NX60TA-32SAA9-SP
NX60TA-09SAA3-SP
NX60TB-15SAA3-SP
NX60TA-25SAA3-SP
NX60TA-32SAA3-SP
Back Connector
NX-09T-F9
NX-15T-F9
NX-25T-F9
NX-32T-F9
NX-09T-F3
NX-15T-F3
NX-25T-F3
NX-32T-F3
09
15
25
32
09
15
25
32
234-0018-0
234-0019-2
234-0020-1
234-0063-4
234-0060-6
234-0061-9
234-0062-1
234-0067-5
Part Number
Number of contacts
CL No.
Connectors for the card Side
IC1F-68RD-1.27SFA
IC1F-68RD-1.27SFA
0.9mm
0.3mm
Offset
NX60TA-09SAA9-SP
NX60TB-15SAA9-SP
NX60TA-25SAA9-SP
NX60TA-32SAA9-SP
NX60TA-09SAA3-SP
NX60TB-15SAA3-SP
NX60TA-25SAA3-SP
NX60TA-32SAA3-SP
NXT-P
NX-32T-P
NXT-P
NX-32T-P
NX-CSA
NX-CSA
&
NX-CSB
Back Connector
Panel
Coil Spring
NX-15T-KT9
CL234-0011-0
NX-15T-F9
CL234-0019-2
Unit: mm
Unit: mm
Frame
Cover


Similar Part No. - NXT-PA

ManufacturerPart #DatasheetDescription
logo
Integrated Power Design...
NXT-100 IPDPOWER-NXT-100 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
NXT-100-1001 IPDPOWER-NXT-100-1001 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
NXT-100-1002 IPDPOWER-NXT-100-1002 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
NXT-100-1003 IPDPOWER-NXT-100-1003 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
NXT-100-1004 IPDPOWER-NXT-100-1004 Datasheet
390Kb / 2P
   100 WATTS SINGLE OUTPUT AC-DC
More results

Similar Description - NXT-PA

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-GD ICHAUS-IC-GD Datasheet
1,023Kb / 55P
   UNIVERSAL I/O INTERFACE
logo
M-System Co.,Ltd.
R3-GE1 MSYSTEM-R3-GE1 Datasheet
198Kb / 8P
   Remote I/O R3 Series INTERFACE I/O MODULE
R3-GSLMP1 MSYSTEM-R3-GSLMP1 Datasheet
205Kb / 10P
   Remote I/O R3 Series INTERFACE I/O MODULE
logo
Rohm
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
logo
Fujitsu Component Limit...
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
   PARALLEL DATA I/O INTERFACE
logo
Rohm
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
logo
Intersil Corporation
CDP1851 INTERSIL-CDP1851 Datasheet
56Kb / 14P
   CMOS Programmable I/O Interface
March 1997
logo
M-System Co.,Ltd.
DLC MSYSTEM-DLC Datasheet
287Kb / 9P
   REMOTE I/O INTERFACE UNIT
R30GECT1 MSYSTEM-R30GECT1 Datasheet
154Kb / 4P
   Remote I/O R30 Series EtherCAT INTERFACE I/O MODULE
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com