Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8560 Datasheet(PDF) 5 Page - Mallory performance club

Part # PN8560
Description  MSD Pro-Billet Marine Distributor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8560 Datasheet(HTML) 5 Page - Mallory performance club

  PN8560 Datasheet HTML 1Page - Mallory performance club PN8560 Datasheet HTML 2Page - Mallory performance club PN8560 Datasheet HTML 3Page - Mallory performance club PN8560 Datasheet HTML 4Page - Mallory performance club PN8560 Datasheet HTML 5Page - Mallory performance club PN8560 Datasheet HTML 6Page - Mallory performance club PN8560 Datasheet HTML 7Page - Mallory performance club PN8560 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INSTALLATION INSTRUCTIONS
5
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
ADJUSTING THE SLIP COLLAR
Chevy Model, PN 8562 only
TosettheadjustmentoftheslipcollaronthePN8562Distributor,MSDoffersaspecialtool,the3-In-1
Distributor Set Up Tool, PN 8599. If the tool is not available, follow this procedure.
1. Loosen the slip collar and insert the distributor into the engine until it bottoms out against the oil
pump drive.
2. After it bottoms out, raise the distributor 0.010" - 0.030" then slide the slip collar down into position
and tighten it.
CHECKING GEAR MESH
It is recommended to check for proper gear mesh between the cam gear and distributor gear. To do
this, coat the distributor gear with moly grease and install the distributor. Next, crank the engine and
pull the distributor out. The gear pattern will show on the grease. The proper mesh will leave an even
patterninthemiddleofthegear.Adjusttheslipcollartoobtainthecorrectmesh.
Checking the Oil Pump to Distributor Shaft Overlap
The proper overlap between the distributor shaft and the oil pump shaft is very important. The tounge of
the distributor shaft should fit into the groove of the oil pump shaft by at least 1/4". To check this:
1. Measure the distance between the
base of the slip collar to the tip of the
distributor shaft (Figure 9).
2. Using a straight edge, measure the
distance from the intake manifold
distributor flange to the top of the
oil pump shaft (Figure 9).
3. Take the two measurements and
subtract them. The difference is
the overlap. If there is not enough
clearance or too much clearance, a
different oil pump shaft is required.
Figure 9 Measuring Oil Pump Shaft Overlap.
4. Rotate the shaft 180° and insert the advance stop bushing pin into the small hole on the advance
plate (Figure 8).
5. Install the locknut and washer to the advance stop bushing pin.This locks the advance in place.
Do not overtighten.
6. Install the drive gear and roll-pin.


Similar Part No. - PN8560

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8569 MALLORY-PN8569 Datasheet
74Kb / 2P
   MSD Billet Crank Trigger Distributors
PN8569 MALLORY-PN8569 Datasheet
74Kb / 2P
   MSD Billet Crank Trigger Distributors
PN85691 MALLORY-PN85691 Datasheet
74Kb / 2P
   MSD Billet Crank Trigger Distributors
More results

Similar Description - PN8560

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN85806 MALLORY-PN85806 Datasheet
351Kb / 8P
   MSD Pro-Billet Marine Distributor
PN8363 MALLORY-PN8363 Datasheet
526Kb / 8P
   MSD Pro-Billet Distributor
PN8524 MALLORY-PN8524 Datasheet
625Kb / 8P
   MSD Pro-Billet Distributor
PN8594 MALLORY-PN8594 Datasheet
394Kb / 8P
   MSD Pro-Billet Distributor
PN83831 MALLORY-PN83831 Datasheet
394Kb / 8P
   MSD Pro-Billet Distributor
PN8517 MALLORY-PN8517 Datasheet
334Kb / 8P
   MSD Pro-Billet V8 Distributor
PN83891 MALLORY-PN83891 Datasheet
489Kb / 8P
   MSD Pro-Billet Chrysler Distributor
PN8534 MALLORY-PN8534 Datasheet
521Kb / 8P
   MSD Pro-Billet Chrysler V8 Distributor
PN85551 MALLORY-PN85551 Datasheet
489Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85705 MALLORY-PN85705 Datasheet
335Kb / 4P
   MSD Pro-Billet Chevrolet V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com