Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS66WVE2M16BLL Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS66WVE2M16BLL
Description  Asynchronous and page mode interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE2M16BLL Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS66WVE2M16BLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66WVE2M16BLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66WVE2M16BLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66WVE2M16BLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WVE2M16BLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WVE2M16BLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVE2M16BLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVE2M16BLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVE2M16BLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
IS66/67WVE2M16EALL/BLL/CLL
Rev. 0D | November 2014
www.issi.com - SRAM@issi.com
Signal Descriptions
All signals for the device are listed below in Table 1.
Symbol
Type
Description
VSS
Power Supply
All VSS supply pins must be connected to Ground
VSSQ
Power Supply
All VSSQ supply pins must be connected to Ground
DQ0~DQ15
Input / Output
Data Inputs/Outputs (DQ0~DQ15)
A0~A20
Input
Address Input(A0~A20)
LB#
Input
Lower Byte select
UB#
Input
Upper Byte select
CE#
Input
Chip Enable/Select
OE#
Input
Output Enable
WE#
Input
Write Enable
ZZ#
Input
Sleep enable : When ZZ# is LOW, the CR can be loaded, or the device
can enter one of two low-power modes ( DPD or PAR).
Table 1. Signal Descriptions
ALL: VDD 1.7V~1.95V, VDDQ 1.7V~1.95V
BLL: VDD 2.7V~3.6V, VDDQ 2.7V~3.6V
CLL: VDD 1.7V~1.95V, VDDQ 2.7V~3.6V


Similar Part No. - IS66WVE2M16BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
More results

Similar Description - IS66WVE2M16BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
IS66WVE1M16EALL ISSI-IS66WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS66WVE2M16ALL ISSI-IS66WVE2M16ALL Datasheet
589Kb / 30P
   Asynchronous and page mode interface
IS66WVE51216EALL ISSI-IS66WVE51216EALL Datasheet
624Kb / 31P
   Asynchronous and page mode interface
IS66WVE4M16EALL ISSI-IS66WVE4M16EALL Datasheet
663Kb / 32P
   Asynchronous and page mode interface
logo
Emerging Memory & Logic...
EM7643SU16H EMLSI-EM7643SU16H Datasheet
130Kb / 11P
   4M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
   16M Asynchronous/Page CellularRAM
V2.0, December 2003
logo
Micross Components
MYX29W640GB70ZABG MICROSS-MYX29W640GB70ZABG Datasheet
789Kb / 56P
   Asynchronous random/page read
logo
Infineon Technologies A...
HYE18P32161AC INFINEON-HYE18P32161AC Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com