Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS67WVE4M16BLL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS67WVE4M16BLL
Description  Asynchronous and page mode interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS67WVE4M16BLL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS67WVE4M16BLL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS67WVE4M16BLL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS67WVE4M16BLL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS67WVE4M16BLL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS67WVE4M16BLL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS67WVE4M16BLL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS67WVE4M16BLL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS67WVE4M16BLL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS67WVE4M16BLL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1
IS66WVE4M16EALL/BLL/CLL
IS67WVE4M16EALL/BLL/CLL
Rev.0B | November 2014
www.issi.com - SRAM@issi.com
Overview
The IS66/67WVE4M16EALL/BLL/CLL is an integrated memory device containing 64Mbit Pseudo Static
Random Access Memory using a self-refresh DRAM array organized as 4M words by 16 bits. The device
includes several power saving modes : Partial Array Refresh mode where data is retained in a portion of
the array and Deep Power Down mode. Both these modes reduce standby current drain. The die has
separate power rails, VDDQ and VSSQ for the I/O to be run from a separate power supply from the device
core.
Asynchronous and page mode interface
Dual voltage rails for optional performance
ALL: VDD 1.7V~1.95V, VDDQ 1.7V~1.95V
BLL: VDD 2.7V~3.6V, VDDQ 2.7V~3.6V
CLL: VDD 1.7V~1.95V, VDDQ 2.7V~3.6V
Page mode read access
Interpage Read access : 55ns, 70ns
Intrapage Read access : 20ns
Low Power Consumption
Asynchronous Operation < 30 mA
Intrapage Read < 23mA
Standby < 200 uA (max.)
Deep power-down (DPD)
ALL/CLL: < 3µA (Typ)
BLL: < 10µA (Typ)
Low Power Feature
Temperature Controlled Refresh
Partial Array Refresh
Deep power-down (DPD) mode
Operating temperature Range
Industrial: -40°C~85°C
Automotive A1: -40°C~85°C
Packages:
48-ball TFBGA
64Mb Async/Page PSRAM
Features
Copyright © 2014 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its
products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services
described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information
and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or
malfunction of the product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or
effectiveness. Products are not authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to
its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
Notes:
1. The 48-pin TSOP-I package option is not yet available. Please contact SRAM Marketing at sram@issi.com
for additional information.
PRELIMINARY INFORMATION


Similar Part No. - IS67WVE4M16BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS67WVE4M16BLL-70BLA1 ISSI-IS67WVE4M16BLL-70BLA1 Datasheet
530Kb / 30P
   3.0V Core Async/Page PSRAM
More results

Similar Description - IS67WVE4M16BLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
IS66WVE1M16EALL ISSI-IS66WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS66WVE2M16ALL ISSI-IS66WVE2M16ALL Datasheet
589Kb / 30P
   Asynchronous and page mode interface
IS66WVE2M16EALL ISSI-IS66WVE2M16EALL Datasheet
622Kb / 31P
   Asynchronous and page mode interface
IS66WVE51216EALL ISSI-IS66WVE51216EALL Datasheet
624Kb / 31P
   Asynchronous and page mode interface
logo
Emerging Memory & Logic...
EM7643SU16H EMLSI-EM7643SU16H Datasheet
130Kb / 11P
   4M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
logo
Infineon Technologies A...
HYE18P16161AC INFINEON-HYE18P16161AC Datasheet
641Kb / 33P
   16M Asynchronous/Page CellularRAM
V2.0, December 2003
logo
Micross Components
MYX29W640GB70ZABG MICROSS-MYX29W640GB70ZABG Datasheet
789Kb / 56P
   Asynchronous random/page read
logo
Infineon Technologies A...
HYE18P32161AC INFINEON-HYE18P32161AC Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com