Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRD660S9A_F085 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RHRD660S9A_F085
Description  6A, 600V Hyperfast Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RHRD660S9A_F085 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RHRD660S9A_F085 Datasheet HTML 1Page - Fairchild Semiconductor RHRD660S9A_F085 Datasheet HTML 2Page - Fairchild Semiconductor RHRD660S9A_F085 Datasheet HTML 3Page - Fairchild Semiconductor RHRD660S9A_F085 Datasheet HTML 4Page - Fairchild Semiconductor RHRD660S9A_F085 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©20
11 Fairchild Semiconductor Corporation
RHRD660S
9A_F085 Rev.C2
Test Circuits and Waveforms
FIGURE 8. trr TEST CIRCUIT
FIGURE 9. trr WAVEFORMS AND DEFINITIONS
FIGURE 10. AVALANCHE ENERGY TEST CIRCUIT
FIGURE 11. AVALANCHE CURRENT AND VOLTAGE
WAVEFORMS
RG
L
VDD
IGBT
CURRENT
SENSE
DUT
VGE
t1
t2
VGE AMPLITUDE AND
t1 AND t2 CONTROL IF
RG CONTROL dIF/dt
+
-
dt
dIF
IF
trr
ta
tb
0
IRM
0.25 IRM
DUT
CURRENT
SENSE
+
LR
VDD
R < 0.1
EAVL = 1/2LI
2 [V
R(AVL) /(VR(AVL) - VDD)]
Q1 = IGBT (BVCES > DUT VR(AVL))
-
VDD
Q1
IMAX = 1A
L = 20mH
IV
t0
t1
t2
IL
VAVL
t
IL
RHRD660S
9A_F085


Similar Part No. - RHRD660S9A_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRD660S9A FAIRCHILD-RHRD660S9A_11 Datasheet
844Kb / 5P
   6A, 600V Hyperfast Diodes
More results

Similar Description - RHRD660S9A_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RHRD660S9A FAIRCHILD-RHRD660S9A_11 Datasheet
844Kb / 5P
   6A, 600V Hyperfast Diodes
RHRD660 FAIRCHILD-RHRD660 Datasheet
374Kb / 5P
   6A, 600V Hyperfast Diodes
logo
Intersil Corporation
RHRD660 INTERSIL-RHRD660 Datasheet
71Kb / 4P
   6A, 600V Hyperfast Diodes
RHRP640CC INTERSIL-RHRP640CC Datasheet
82Kb / 5P
   6A, 400V - 600V Hyperfast Dual Diodes
RHRD6120 INTERSIL-RHRD6120 Datasheet
76Kb / 4P
   6A, 1200V Hyperfast Diodes
logo
Fairchild Semiconductor
RHRP860 FAIRCHILD-RHRP860_11 Datasheet
484Kb / 5P
   8A,600V Hyperfast Diodes
RURD660 FAIRCHILD-RURD660 Datasheet
392Kb / 5P
   6A, 600V Ultrafast Diodes
logo
Intersil Corporation
RURD660 INTERSIL-RURD660 Datasheet
85Kb / 4P
   6A, 600V Ultrafast Diodes
logo
Fairchild Semiconductor
RHRP3060 FAIRCHILD-RHRP3060_05 Datasheet
669Kb / 5P
   30A, 600V Hyperfast Diodes
RHRP860_F085 FAIRCHILD-RHRP860_F085 Datasheet
484Kb / 5P
   8A,600V Hyperfast Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com