Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6ULS5V9515AWE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6ULS5V9515AWE
Description  SMBus Repeater
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6ULS5V9515AWE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6ULS5V9515AWE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6ULS5V9515AWE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6ULS5V9515AWE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6ULS5V9515AWE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6ULS5V9515AWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6ULS5V9515AWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6ULS5V9515AWE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6ULS5V9515AWE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6ULS5V9515AWE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-10-0002
PT0455-3
10/20/15
2
PI6ULS5V9515A
I
2C-Bus/SMBus Repeater
Pin Configuration
MSOP-8 and SOIC-8
TDFN2x3-8L(Top View)
Pin Description
Pin No
Name
Description
1
n.c.
Not connected
2
SCL0
serial clock port 0 bus
3
SDA0
serial data port 0 bus
4
GND
supply ground (0 V)
5
EN
active HIGH repeater enable input
6
SDA1
serial data port 1 bus
7
SCL1
serial clock port 1 bus
8
VCC
supply voltage (2.3 V to 3.6 V)
Block Diagram
Figure 1:Block Diagram
EN
Function
H
SCL0 = SCL1;
SDA0 = SDA1;
L
disabled


Similar Part No. - PI6ULS5V9515AWE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AUEX DIODES-PI6ULS5V9511AUEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AWEX DIODES-PI6ULS5V9511AWEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AZWEX DIODES-PI6ULS5V9511AZWEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Pericom Semiconductor C...
PI6ULS5V9517A PERICOM-PI6ULS5V9517A Datasheet
573Kb / 12P
   Level Translating SMBus Repeater
More results

Similar Description - PI6ULS5V9515AWE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9515A TI1-PCA9515A_15 Datasheet
1Mb / 24P
[Old version datasheet]   SMBus Repeater
logo
Pericom Semiconductor C...
PI6ULS5V9517A PERICOM-PI6ULS5V9517A Datasheet
573Kb / 12P
   Level Translating SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
logo
Nuvoton Technology Corp...
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
logo
Texas Instruments
PCA9515B TI1-PCA9515B Datasheet
515Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
logo
Pericom Semiconductor C...
PI6ULS5V9509 PERICOM-PI6ULS5V9509 Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com