Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6ULS5V9515AWEX Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6ULS5V9515AWEX
Description  SMBus Repeater
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6ULS5V9515AWEX Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6ULS5V9515AWEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6ULS5V9515AWEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6ULS5V9515AWEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6ULS5V9515AWEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6ULS5V9515AWEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6ULS5V9515AWEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6ULS5V9515AWEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6ULS5V9515AWEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6ULS5V9515AWEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-10-0002
PT0455-3
10/20/15
5
PI6ULS5V9515A
I
2C-Bus/SMBus Repeater
Functional Description
The PI6ULS5V9515A is a CMOS integrated circuit intended for I
2C bus and SMBus systems applications. The device
contains two identical bidirectional open-drain buffer circuits that enable I
2C and similar bus systems to be extended without
degradation of system performance.
The PI6ULS5V9515A enables the system designer to isolate two halves of a bus for both voltage and capacitance.,
accommodating more I
2C devices or longer trace length. It also permits extension of the I2C-bus by providing bidirectional
buffering for both the data (SDA) and the clock (SCL) lines, thus allowing two buses of 400 pF to be connected in an I
2C
application.
The PI6ULS5V9515A has an EN pin to turn the drivers on and off. This can be used to isolate a badly behaved slave on
power-up until after the system power-up reset. It should never change state during an I
2C-bus operation because disabling during
a bus operation will hang the bus and enabling part way through a bus cycle could confuse the I
2C-bus parts being enabled. The
enable pin should only change state when the global bus and the repeater port are in an idle state to prevent system failures.
The output low levels for sides are approximately 0.5 V, but the input voltage of each internal buffer must be 70 mV lower
(0.43V) or even more lower. When the output internally is driven low he low is not recognized as a low by the input.. This
prevents a lockup condition from occurring when the input low condition is released.
Two or more PI6ULS5V9515A devices can’t be used in series. The PI6ULS5V9515A design does not allow this configuration.
Since there is no direction pin, slightly different valid low-voltage levels are used to avoid lockup conditions between the input
and the output of each repeater. A valid low applied at the input of a PI6ULS5V9515A will be propagated as a buffered low with a
slightly higher value on the output. When this buffered low is applied to another PI6ULS5V9515A-type device in series, the
second device does not recognize it as a valid low and will not propagate it as a buffered low again.
The device contains a power-up control circuit that sets an internal latch to prevent the output circuits from becoming
active until Vcc is at a valid level (Vcc = 2.3 V).
As with the standard I
2C system, pull-up resistors are required to provide the logic-high levels on the buffered bus. The
PI6ULS5V9515A has standard open-collector configuration of the I
2C bus. The size of these pull-up resistors depends on the
system, but each side of the repeater must have a pull-up resistor. The device is designed to work with Standard mode and Fast
mode I
2C devices in addition to SMBus devices. Standard mode I2C devices only specify 3 mA in a generic I2C system, where
Standard mode devices and multiple masters are possible. Under certain conditions, higher termination currents can be used.
Application Information
A typical application is shown in Figure 4. In this example, the system master is running on a 3.3 V I
2C-bus while the slave is
connected to a 5V bus. Both buses run at 400 kHz. Master devices can be placed on either bus.
The PI6ULS5V9515A is 5V tolerant, so it does not require any additional circuitry to translate between different bus voltages.
When one side of the PI6ULS5V9515A is pulled LOW by a device on the I
2C-bus, a CMOS hysteresis type input detects the
falling edge and causes the internal driver on the other side to turn on, thus causing the other side to also go LOW. The side driven
LOW by the PI6ULS5V9515A will typically be at VOL = 0.5 V.
Figure 5 and Figure 6 show the waveforms that are seen in a typical application. If the bus master in Figure4 writes to the slave
through the PI6ULS5V9515A, Bus 0 has the waveform shown in Figure 5. This looks like a normal I
2C transmission until the
falling edge of the eighth clock pulse. At that point, the master releases the data line (SDA) while the slave pulls it low through the
PI6ULS5V9515A. Because the VOL of the PI6ULS5V9515A typically is around 0.5V, a step in the SDA is seen. After the master
has transmitted the ninth clock pulse, the slave releases the data line.
On the Bus 1 side of the PI6ULS5V9515A, the clock and data lines have a positive offset from ground equal to the VOL of the
PI6ULS5V9515A. After the eighth clock pulse, the data line is pulled to the VOL of the slave device, which is very close to ground
in the example.
It is important to note that any arbitration or clock-stretching events on Bus 1 require that the VOL of the devices on Bus 1 be
70 mV below the VOL of the PI6ULS5V9515A (see VOL - VILC in Electrical Characteristics) to be recognized by the
PI6ULS5V9515A and transmitted to Bus 0.


Similar Part No. - PI6ULS5V9515AWEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AUEX DIODES-PI6ULS5V9511AUEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AWEX DIODES-PI6ULS5V9511AWEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AZWEX DIODES-PI6ULS5V9511AZWEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Pericom Semiconductor C...
PI6ULS5V9517A PERICOM-PI6ULS5V9517A Datasheet
573Kb / 12P
   Level Translating SMBus Repeater
More results

Similar Description - PI6ULS5V9515AWEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9515A TI1-PCA9515A_15 Datasheet
1Mb / 24P
[Old version datasheet]   SMBus Repeater
logo
Pericom Semiconductor C...
PI6ULS5V9517A PERICOM-PI6ULS5V9517A Datasheet
573Kb / 12P
   Level Translating SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
logo
Nuvoton Technology Corp...
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
logo
Texas Instruments
PCA9515B TI1-PCA9515B Datasheet
515Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
logo
Pericom Semiconductor C...
PI6ULS5V9509 PERICOM-PI6ULS5V9509 Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com