Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6ULS5V9517AWE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6ULS5V9517AWE
Description  Level Translating SMBus Repeater
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6ULS5V9517AWE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6ULS5V9517AWE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6ULS5V9517AWE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6ULS5V9517AWE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6ULS5V9517AWE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6ULS5V9517AWE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6ULS5V9517AWE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6ULS5V9517AWE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6ULS5V9517AWE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6ULS5V9517AWE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-10-0003
PT0459-7
10/20/15
4
PI6ULS5V9517A
Level Translating I
2C-Bus/SMBus Repeater
Dynamic characteristics
VCC = 2.2 V to 5.5 V; GND = 0 V; Tamb = -40 C to +85 C; unless otherwise specified
.
(1)(2)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tPLH
LOW-to-HIGH propagation delay
B-side to A-side
-
169
255
ns
tPHL
HIGH-to-LOW propagation delay
B-side to A-side, VCC(A) ≤ 2.7 V
15
68
110
ns
B-side to A-side, VCC(A) ≥ 3 V
10
103
300
ns
tTLH
LOW-to-HIGH transition time
A-side
-
50
60
ns
tTHL
HIGH-to-LOW transition time
A-side, VCC(A) ≤ 2.7 V
1
3
105
ns
A-side, VCC(A) ≥ 3 V
1
25
175
ns
tPLH
LOW-to-HIGH propagation delay
A-side to B-side
25
67
110
ns
tPHL
HIGH-to-LOW propagation delay
A-side to B-side
-
118
230
ns
tTLH
LOW-to-HIGH transition time
B-side
-
140
170
ns
tTHL
HIGH-to-LOW transition time
B-side
-
40
105
ns
tSU
set-up time
EN HIGH before START condition
100
-
-
ns
tH
hold time
EN HIGH after STOP condition
100
-
-
ns
Notes:
(1) Times are specified with loads of 1.35kΩ pull-up resistance and 57 pF load capacitance on port B, and 167Ω pull-up resistance and 57 pF
load capacitance on port A. Different load resistance and capacitance will alter the RC time constant, thereby changing the propagation delay and
transition times.
(2) Pull-up voltages are VCC(A) on port A and VCC(B) on port B.
(3) Typical values were measured with VCC(A) = 3.3 V at Tamb = 25 , unless otherwise noted.
Figure 2: Propagation Delay and Transition Times BA
Figure 3: Propagation Delay and Transition Times AB
Figure 4: Propagation Delay
Figure 5: Test Circuit
RL=Load resistor: 1.35kΩ on port B; 167Ω on port A(0.8V to 2.7V)
and 450Ω on port A (3.0V to 5.5V)
CL = Load capacitance includes jig and probe capacitance: 57pF
RT = Termination resistance should be equal to Z of pulse generators


Similar Part No. - PI6ULS5V9517AWE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AUEX DIODES-PI6ULS5V9511AUEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AWEX DIODES-PI6ULS5V9511AWEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
PI6ULS5V9511AZWEX DIODES-PI6ULS5V9511AZWEX Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Pericom Semiconductor C...
PI6ULS5V9515A PERICOM-PI6ULS5V9515A Datasheet
494Kb / 10P
   SMBus Repeater
More results

Similar Description - PI6ULS5V9517AWE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509 NXP-PCA9509 Datasheet
124Kb / 19P
   Level translating I2C-bus/SMBus repeater
Rev. 05-10 July 2009
logo
Pericom Semiconductor C...
PI6ULS5V9509 PERICOM-PI6ULS5V9509 Datasheet
628Kb / 10P
   Level Translating SMBus Repeater with Tiny Package
logo
NXP Semiconductors
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com