Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LV01 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI90LV01
Description  SOTiny LVDS High-Speed Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV01 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI90LV01_09 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV01_09 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV01_09 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV01_09 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV01_09 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV01_09 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV01_09 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV01_09 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV01, PI90LVB01
SOTiny
LVDS High-Speed Differential Line Driver
2
PS8661D
12/04/09
Supply Voltage Range, VCC(1) .................................................................................. –0.5Vto4V
Input Voltage Range (DIN) .......................................................................... –0.5 to 6V
(Y or Z) ...................................................................... –0.5 to 4V
ESDRating(HBM,1.5K-Ohms,100pF) .............................................................
≥2KV
Continuous total power dissipation ................................. See dissipation rating table
Storage Temperature Range ................................................................ –65°Cto150°C
Lead Temperature 1.6 mm (1/16 inch) from case for 10 seconds ......................... 250°C
Absolute Maximum Ratings
(Over Operating Free-Air Temperature, unless otherwise noted)
Notes:
† Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to Absolute-
Maximum-Rated conditions for extended periods may affect device reliability.
Recommended Operating Conditions
.
n
i
M.
m
o
N.
x
a
Ms
t
i
n
U
V
,
e
g
a
tl
o
V
y
l
p
p
u
S
C
C
0
.
33
.
36
.
3
V
V
,
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
-
h
g
i
H
H
I
2
V
,
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
e
L
-
w
o
L
L
I
8
.
0
T
,
e
r
u
t
a
r
e
p
m
e
t
ri
a
-
e
e
r
f
g
n
it
a
r
e
p
O
A
0
4
–5
0
1C
°
e
g
a
k
c
a
PTA
°
5
2
≤°
5
2
°
5
2
°
5
2
≤°
5
2
g
n
i
t
a
R
r
e
w
o
P
CT
e
v
o
b
A
r
o
t
c
a
F
g
n
i
t
a
r
e
D
A
C
°
5
2
=
TA
5
8
=
°°°°°Cg
n
i
t
a
R
r
e
w
o
P
TW
m
5
8
3C
°
/
W
m
1
.
3W
m
0
0
2
Dissipation Rating Table
@
This is the inverse of the junction-to-ambient thermal resistance when board-mounted (low-K) and with no air flow.
1. All voltage values, except differential I/O bus voltages, are with respect to ground terminal.
3.8
09-0002


Similar Part No. - PI90LV01_09

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV017A PERICOM-PI90LV017A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AUE PERICOM-PI90LV017AUE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV017AWE PERICOM-PI90LV017AWE Datasheet
566Kb / 11P
   3V LVDS High-Speed Differential Line Drivers
PI90LV018A PERICOM-PI90LV018A Datasheet
326Kb / 10P
   3V LVDS High-Speed Differential Line Drivers
PI90LV018A PERICOM-PI90LV018A Datasheet
482Kb / 9P
   3V LVDS High-Speed Differential Line Receivers
More results

Similar Description - PI90LV01_09

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
PI90LV3486 PERICOM-PI90LV3486 Datasheet
265Kb / 9P
   LVDS High-Speed Differential Line Receivers
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com