Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LVB01TEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI90LVB01TEX
Description  SOTiny LVDS High-Speed Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB01TEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI90LVB01TEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB01TEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB01TEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB01TEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB01TEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB01TEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB01TEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB01TEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV01, PI90LVB01
SOTiny
LVDS High-Speed Differential Line Driver
4
PS8661D
12/04/09
Switching Characteristics, VCC = 3V to 3.6V (Over Operating Free-Air Temperature, unless otherwise noted).
Notes:
1. All typical values are at 25°C and with a 3.3V supply
2. tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output
3. fmax generator input conditions: 50% duty cycle, 0V to 3V. Output criteria: 45% to 55% duty cycle, VOD = 250mV
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
M.
p
y
T
)
1
(
.
x
a
Ms
t
i
n
U
t
H
L
P
y
a
l
e
d
n
o
i
t
a
g
a
p
o
r
P
l
e
v
e
l
h
g
i
h
-
o
t
-
w
o
l
,
e
m
i
t
t
u
p
t
u
o
R
,
1
0
V
L
0
9
I
P
L
C
,
s
m
h
o
-
0
0
1
=
L
F
p
0
1
=
R
,
1
0
B
V
L
0
9
I
P
L
C
,
s
m
h
o
-
0
5
=
L
F
p
0
1
=
3
e
r
u
g
i
F
e
e
S
5
.
17
.
2s
n
t
L
H
P
y
a
l
e
d
n
o
i
t
a
g
o
p
o
r
P
l
e
v
e
l
w
o
l
-
o
t
-
h
g
i
h
,
e
m
i
t
t
u
p
t
u
o
8
.
17
.
2
t
r
h
g
i
h
-
o
t
-
w
o
l
,
n
o
i
t
i
s
n
a
r
T
)
1
0
V
L
0
9
I
P
(
6
.
05
.
1
h
g
i
h
-
o
t
-
w
o
l
,
n
o
i
t
i
s
n
a
r
T
)
1
0
V
B
L
0
9
I
P
(
5
.
04
.
1
t
f
w
o
l
-
o
t
-
h
g
i
h
,
n
o
i
t
i
s
n
a
r
T
)
1
0
V
L
0
9
I
P
(
7
.
05
.
1
w
o
l
-
o
t
-
h
g
i
h
,
n
o
i
t
i
s
n
a
r
T
)
1
0
V
B
L
0
9
I
P
(
6
.
04
.
1
t
)
p
(
k
s
t
|
(
w
e
k
s
e
s
l
u
P
L
H
P
-
t
H
L
P
)
| )
2
(
3
.
0-
09-0002


Similar Part No. - PI90LVB01TEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB01 PERICOM-PI90LVB01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
PI90LVB010U PERICOM-PI90LVB010U Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
PI90LVB010UE PERICOM-PI90LVB010UE Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
PI90LVB010W PERICOM-PI90LVB010W Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
More results

Similar Description - PI90LVB01TEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV01 PERICOM-PI90LV01 Datasheet
198Kb / 8P
   SOTiny LVDS High-Speed Differential Line Driver
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
PI90LV3486 PERICOM-PI90LV3486 Datasheet
265Kb / 9P
   LVDS High-Speed Differential Line Receivers
PI90LV9637 PERICOM-PI90LV9637_08 Datasheet
647Kb / 8P
   LVDS High-Speed Differential Line Receivers
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DS90LV027 TI1-DS90LV027_13 Datasheet
708Kb / 10P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
DS90LV027A TI1-DS90LV027A_16 Datasheet
1Mb / 21P
[Old version datasheet]   LVDS Dual High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com