Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LV047ALE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI90LV047ALE
Description  3V LVDS Quad Flow-Through Differential Line Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV047ALE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI90LV047ALE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV047ALE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV047ALE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV047ALE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV047ALE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV047ALE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV047ALE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV047A
3V LVDS Quad Flow-Through
Differential Line Driver
PS8611C
11/11/08
Packaging Mechanical: 16-Pin SOIC (W)
SEATING PLANE
.050
BSC
1
16
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.386
.393
9.80
10.00
1.27
.053
.068
1.35
1.75
.2284
.2440
5.80
6.20
.0040
.0098
0.10
0.25
.013
.020
.0155
.0260
0.330
0.508
0.393
0.660
.0075
.0098
0.25
0.50
.0099
.0196
0.19
0.25
.016
.050
0.41
1.27
REF
DESCRIPTION: 16-Pin, 150-Mil Wide, SOIC
PACKAGE CODE: W
DOCUMENT CONTROL NO.
PD - 1004
REVISION: E
DATE: 03/09/05
Notes:
1) Controlling dimensions in millimeters.
2) Ref: JEDEC MS-012D/AC
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
08-0295


Similar Part No. - PI90LV047ALE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV047ALE PERICOM-PI90LV047ALE Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
More results

Similar Description - PI90LV047ALE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV047A PERICOM-PI90LV047A Datasheet
155Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Drivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
logo
National Semiconductor ...
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
   3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
   3V LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B Datasheet
163Kb / 10P
   3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90LV031AQML TI1-DS90LV031AQML_14 Datasheet
347Kb / 15P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90LV047A NSC-DS90LV047A Datasheet
268Kb / 12P
   3V LVDS Quad CMOS Differential Line Driver
logo
STMicroelectronics
STLVDS47 STMICROELECTRONICS-STLVDS47 Datasheet
189Kb / 10P
   3V LVDS QUAD CMOS DIFFERENTIAL LINE DRIVER
December 2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com