Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI90LV386 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI90LV386
Description  High-Speed Differential Line Receivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV386 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI90LV386_08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV386_08 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS8574D
11/11/08
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV386/PI90LVT386
High-Speed Differential Line Receivers
Figure 1. Voltage Definitions
s
e
g
a
t
l
o
V
d
e
i
l
p
p
A
l
a
i
t
n
e
r
e
f
f
i
D
g
n
i
t
l
u
s
e
R
e
g
a
t
l
o
V
t
u
p
n
I
-
n
o
m
m
o
C
g
n
i
t
l
u
s
e
R
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
V
+
N
I
R
I
V
N
I
R
I
V D
I
V C
I
V
5
2
.
1V
5
1
.
1V
m
0
0
1V
2
.
1
V
5
1
.
1V
5
2
.
1V
m
0
0
1
–V
2
.
1
V
4
.
2V
3
.
2V
m
0
0
1V
5
3
.
2
V
3
.
2V
4
.
2V
m
0
0
1
–V
5
3
.
2
V
1
.
0V
0V
m
0
0
1V
5
0
.
0
V
0V
1
.
0V
m
0
0
1
–V
5
0
.
0
V
5
.
1V
9
.
0V
m
0
0
6V
2
.
1
V
9
.
0V
5
.
1V
m
0
0
6
–V
2
.
1
V
4
.
2V
8
.
1V
m
0
0
6V
1
.
2
V
8
.
1V
4
.
2V
m
0
0
6
–V
1
.
2
V
6
.
0V
0V
m
0
0
6V
3
.
0
V
0V
6
.
0V
m
0
0
6
–V
3
.
0
Parameter Measurement Information
Table 1. Receiver Minimum and Maximum Input Threshold Test Voltages
RIN+
RIN–
VID
VIRIN–
VO
VIRIN+
VIRIN+ + VIRIN–
VIC
2
08-0295


Similar Part No. - PI90LV386_08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
More results

Similar Description - PI90LV386_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com