Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAZ73D Datasheet(PDF) 1 Page - TOKO, Inc

Part # SAZ73D
Description  Applicable to reflow soldering
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

SAZ73D Datasheet(HTML) 1 Page - TOKO, Inc

  SAZ73D Datasheet HTML 1Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SAZ73D
(Unit: mm)
(Unit: mm)
Features
• High Q and high sensivility due to optimaized magnetic
material and electrode structure.
• Wide inductance range for design flexibility.
• Applicable to reflow soldering.
• AEC-Q200 compliant
• 磁性材と電極構造の最適化による高Q・高感度性能
• 設計自由度が広く、広インダクタンス範囲可能
• リフロはんだ付けが可能
• AEC-Q200準拠
Applications
• Suitable as a Transponder Antenna Coil for Keyless Entry
System. (Vehicle application)
• Wide operating tempe
rature range (− 40~+85°C)
• リモートキーレスエントリの一体システムのトランス
ポンダ用アンテナコイルに最適(自動車使用等)
• 使用温度範囲:-40 ~ +85°C
SELECTION GUIDE FOR STANDARD TRANSFORMERS
TYPE SAZ73D
品番
インダクタンス
測定周波数
許容差
Q軸
Part Number
Inductance
L (mH)
Test Frequency
(kHz)
Tolerance
(%)
Unloaded Q
Min.
1312AA-102J=P3
1.0
125
±10
35
1312AA-122J=P3
1.2
125
±10
35
1312AA-152J=P3
1.5
125
±10
35
1312AA-182J=P3
1.8
125
±10
35
1312AA-222J=P3
2.2
125
±10
35
1312AA-272J=P3
2.7
125
±5
35
1312AA-332J=P3
3.3
125
±5
35
1312AA-392J=P3
3.9
125
±5
35
1312AA-472J=P3
4.7
125
±5
35
1312AA-562J=P3
5.6
125
±5
35
1312AA-682J=P3
6.8
125
±5
30
1312AA-722J=P3
7.2
125
±5
30
1312AA-752J=P3
7.5
125
±5
30
1312AA-822J=P3
8.2
125
±5
30
1312AA-902J=P3
9.0
125
±5
30
1312AA-0003=P3
2.36
125
±10
35
A1312AA-452J=P3
4.5
134.2
±5
35
Inductance range
:1.0 ~9.0 (mH)
インダクタンス範囲
If you are looking for inductance other than the above, please contact us.
上記以外のインダクタンスのご対応もお受けしております。
Recommended patterns
推奨パターン図
Transponder Coils for Surface Mounting
面実装用トランスポンダコイル


Similar Description - SAZ73D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FOD817S ETC2-FOD817S Datasheet
723Kb / 12P
   Applicable to Pb-free IR reflow soldering, Compact 4-pin package
FOD817ASD ETC2-FOD817ASD Datasheet
723Kb / 12P
   AC input response (FOD814 only), Applicable to Pb-free IR reflow soldering
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
   Soldering methods : IR reflow soldering
logo
Murata Manufacturing Co...
GCQ1555C1HR68CB01 MURATA-GCQ1555C1HR68CB01 Datasheet
760Kb / 26P
   Only Reflow Soldering
logo
Kingbright Corporation
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
   Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
   Compatible with reflow soldering
logo
PHOENIX CONTACT
1156904 PHOENIX-1156904 Datasheet
479Kb / 16P
   SMD socket, Reflow soldering
logo
Kingbright Corporation
APHB1608LZGKSYKC KINGBRIGHT-APHB1608LZGKSYKC Datasheet
302Kb / 6P
   Compatible with reflow soldering
logo
PHOENIX CONTACT
1156905 PHOENIX-1156905 Datasheet
491Kb / 16P
   SMD socket, Reflow soldering
1156891 PHOENIX-1156891 Datasheet
568Kb / 16P
   SMD socket, Reflow soldering
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com