Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR340 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SR340
Description  3.0Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SR340 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SR340 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SR340 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings And Characteristic Curves
SR320 THRU SR3200
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AMBIENT TEMPERATURE, C
80
64
48
32
16
0
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.01
0.1
1
10
100
100
10
1
0.1
3.0
2.4
1.8
1.2
0.6
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
SR370-SR3200
SR320-SR360
0.1
1.0
10
100
TJ=25 C
10
100
1000
2000
SR350-SR3200
SR320-SR340
0
30
60
90
120
150
100
10
1.0
0.1
0.01
0.001
TJ=100 °C
TJ=25 °C
0.2
0.4
0.6
0.8
1.0
1.1
0.01
0.1
1
20
10
TJ=25 C
PULSE WIDTH=300
μs
1%DUTY CYCLE
SR350-SR360
SR320-SR340
SR370-SR3150
SR3200


Similar Part No. - SR340

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR340 WTE-SR340 Datasheet
47Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR340 DGNJDZ-SR340 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SR340 SEMTECH_ELEC-SR340 Datasheet
216Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SR340 DGNJDZ-SR340 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SR340 SHUNYE-SR340 Datasheet
681Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR340

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SR320 PACELEADER-SR320 Datasheet
566Kb / 2P
   3.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SR320-DO27 YFWDIODE-SR320-DO27 Datasheet
267Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
SB320 CYSTEKEC-SB320 Datasheet
248Kb / 3P
   3.0Amp Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SR320 SECOS-SR320 Datasheet
130Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
1N5820 SECOS-1N5820_15 Datasheet
154Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
logo
Jinan Gude Electronic D...
1N5820 JGD-1N5820 Datasheet
142Kb / 2P
   3.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Cystech Electonics Corp...
SB3150 CYSTEKEC-SB3150 Datasheet
230Kb / 6P
   3.0Amp Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SB320 YFWDIODE-SB320 Datasheet
74Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
SB320-DO-27 YFWDIODE-SB320-DO-27 Datasheet
297Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
SR320-DO-27 YFWDIODE-SR320-DO-27 Datasheet
296Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com