Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRMJ-W.FLP Datasheet(PDF) 1 Page - Hirose Electric

Part # HRMJ-W.FLP
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HRMJ-W.FLP Datasheet(HTML) 1 Page - Hirose Electric

  HRMJ-W.FLP Datasheet HTML 1Page - Hirose Electric HRMJ-W.FLP Datasheet HTML 2Page - Hirose Electric HRMJ-W.FLP Datasheet HTML 3Page - Hirose Electric HRMJ-W.FLP Datasheet HTML 4Page - Hirose Electric HRMJ-W.FLP Datasheet HTML 5Page - Hirose Electric HRMJ-W.FLP Datasheet HTML 6Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Ultra Small Surface Mount Coaxial Connectors – 1.4mm Mated Height
W.FL Series – Further downsizing of FL series in response to the market needs.
NEW
2004.4
Occupied Mounting Area
q Mated Height Comparison(With U.FL series)
U.FL Series
W.FL Series
U.FL-LP-040
U.FL-LP-066
U.FL-LP(V)-040
W.FL-LP-040
2.85
Plug
W.FL-R-SMT-1
Receptacle
Cable
Dia. 0.81
* Teflon is a registered trademark of DuPont.
2.0
2.0
sFeatures
1. Mounting area of only 3.4mm2
2. The board mounted receptacle weights only 5.6 mg
3. Accepts high frequency transmission of DC to 6GHz
4. Receptacle supplied on tape-and-reel for
4. placement on the board with automatic equipment
5. Plugs are terminated with ultra-fine Teflon®
4. insulated coaxial cables
6. Un-mating with a simple tool
sApplications
Mobile phones, Wireless LAN, Bluetooth protocol
devices, PDA, GPS, electronic measuring instruments
and any application requiring high frequency
transmission over coaxial line, where space is limited.


Similar Part No. - HRMJ-W.FLP

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRMJ-W.FLP HIROSE-HRMJ-W.FLP Datasheet
417Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
HRMJ-W.FLP HIROSE-HRMJ-W.FLP Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
HRMJ-W.FLP(40) HIROSE-HRMJ-W.FLP(40) Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
HRMJ-W.FLP(40) HIROSE-HRMJ-W.FLP(40) Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
HRMJ-W.FLP-ST1 HIROSE-HRMJ-W.FLP-ST1 Datasheet
417Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
More results

Similar Description - HRMJ-W.FLP

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W-FL HIROSE-W-FL Datasheet
417Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors ??1.4mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com