Selected language     English  ▼


W.FL-LP-N Datasheet(PDF) 2 Page - Hirose Electric

Part No. W.FL-LP-N
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 2 page
background image
2
Note1:Cable type connector measurements.
With SMA conversion adapters mated with W.FL plug
at each end of the 100cm long ultra-fine coaxial cable.
Note2:Board type connector measurements.
Mounted on a 50 ohms glass epoxy board.
Measurements were conducted with SMA conversion
adapters attached.
Note:V.S.W.R. Measurement System
Note:Measured as shown on the block diagram below.
Note:Test connection and measurement setup.
sPlug
Plugs can be ordered only terminated to the cable.
2.85
Network Analyzer
Test Set
Test Port
Termination
D.U.T
Test Port Cable
Ratings
Nominal characteristic
impedance
Frequency range
50 ohms
DC to 6GHz
Operating temperature range
Operating humidity
-40ç to +90ç
(Relative humidity 90% max.)
-40ç to +70ç
(Relative humidity 90% max.)
sProduct Specifications
sMaterials and Finishes
1. Contact resistance
2. Insulation resistance
3. Withstanding voltage
4. V.S.W.R.(Note)
Center: 20m ohms max. Outside: 10m ohms max.
500M ohms min., 100V DC
200V AC / 1 minute
1.3 max. (Up to 3GHz)
1.35 max. (3 to 6GHz)
Item
Specification
sMaterial/Finishes
Plug
Receptacle
Shell
Insulator
Socket center contact
Shell
Insulator
Pin center contact
Phosphor bronze
PBT
Phosphor bronze
Phosphor bronze
LCP
Brass
Silver plated
Black, UL94V-0
Gold plated
Silver plated
Black, UL94V-0
Gold plated
Part
Component
Material
Finish/Remarks




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
U.FL-R-SMTUltra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height 1 2 3 4 5 MoreHirose Electric
IL205ASMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
MOC256AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
BC856APNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR 1 2 3 Diodes Incorporated
DDC124EKNPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 1 2 3 4 5 Diodes Incorporated
DDTA123EKAPNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
DDTC123EKANPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMBT4403PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMDT4403DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMSTA05NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl