Selected language     English  ▼


W.FL-LP-04N2-A Datasheet(PDF) 4 Page - Hirose Electric

Part No. W.FL-LP-04N2-A
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 4 page
background image
4
8HEX
W.FL
SMA
(10.3)
Part No.
HRMP-W.FLJ
CL No.
311-0367-3
1/4-36UNS-2A
6
( 4.05 )
13.8
5.6
SMA
W.FL
5.5
(4 )
( 18.35
)
6
1/4-36UNS-2A
1
M5∞0.5
4.2
( 7.9)
12.1
( 4.4 )
7HEX
sConversion Adapters
q SMA Conversion Adapter (W.FL side jack – SMA side plug)
Part No.
W.FL-R-1
CL No.
331-0483-9
sReceptacle Inspection Adapter
q Used for inspecting the performance parameters of the cable assembly.
Note:Used for performance measurements only.
The W.FL mating side has lower retention
force than the regular product when mated to
the corresponding part.
Part No.
HRMJ-W.FLP
CL No.
311-0368-6
q SMA Conversion Adapter (W.FL side plug – SMA side jack)
Note:Used for performance measurements only.
The W.FL mating side has lower retention
force than the regular product when mated to
the corresponding part.
Part No.
HRMJ-W.FLP-ST1
CL No.
311-0386-8
q SMA Conversion Adapter
Note:When mating with corresponding part (W.FL-
R-SMT-1) it must be pressed down and held
to make complete connection.




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
U.FL-R-SMTUltra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height 1 2 3 4 5 MoreHirose Electric
IL205ASMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
MOC256AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
BC856APNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR 1 2 3 Diodes Incorporated
DDC124EKNPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 1 2 3 4 5 Diodes Incorporated
DDTA123EKAPNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
DDTC123EKANPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMBT4403PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMDT4403DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMSTA05NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl