Selected language     English  ▼


W.FL-2LP-04N1-A-L Datasheet(PDF) 5 Page - Hirose Electric

Part No. W.FL-2LP-04N1-A-L
Description  Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 5 page
background image
5
( Ø15
40
( 100 )
)
BPackaging Specifications- Receptacle
W.FL-R-SMT-1(10)
4
2
8
Center contact terminal
Unreeling direction
1.8
14
Ø13
Ø21
Embossed Carrier Tape Dimensions
Reel Dimensions
Part No.
W.FL-LP-N
CL No.
331-0492-0
sPlug Extraction Tool-Used for Un-mating of the plug




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
U.FL-R-SMTUltra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height 1 2 3 4 5 MoreHirose Electric
IL205ASMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER 1 2 3 Siemens Semiconductor Group
MOC256AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
BC856APNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR 1 2 3 Diodes Incorporated
DDC124EKNPN PRE-BIASED SMALL SIGNAL SOT-26 DUAL SURFACE MOUNT TRANSISTOR 1 2 3 4 5 Diodes Incorporated
DDTA123EKAPNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
DDTC123EKANPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMBT4403PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMDT4403DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MMSTA05NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl