Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR251 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # FR251
Description  2.5 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FR251 Datasheet(HTML) 2 Page - Nanjing International Group Co

  FR251 Datasheet HTML 1Page - Nanjing International Group Co FR251 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (FR2
51 THRU FR257)
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.5
1.0
1.5
2.0
2.5
3.0
140
120
100
80
60
40
20
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
.01
.05
.1
.5
1
5
10
50
100
D.U.T.
.6
.8
1.0 1.2 1.4 1.6 1.8 2.0
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
2
5
0
50
75
100
1
25
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
0
AMBIENT TEMPERATURE,( C)
FIG.1-TYPICAL FORWARD


Similar Part No. - FR251

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR251 RECTRON-FR251 Datasheet
24Kb / 2P
   FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
EIC discrete Semiconduc...
FR251 EIC-FR251 Datasheet
54Kb / 2P
   FAST RECOVERY
logo
Nanjing International G...
FR251 DGNJDZ-FR251 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FR251 EIC-FR251 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Rugao Dachang Electroni...
FR251 DACHANG-FR251 Datasheet
119Kb / 2P
   Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
More results

Similar Description - FR251

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
FR2572.5A-2CDO-15 DGNJDZ-FR2572.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
FR256-2C2.5A-2CDO-15 DGNJDZ-FR256-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
FR252-2C2.5A-2CDO-15 DGNJDZ-FR252-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
FR254-2C2.5A-2CDO-15 DGNJDZ-FR254-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
FR255-2C2.5A-2CDO-15 DGNJDZ-FR255-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
FR251-2C2.5A-2CDO-15 DGNJDZ-FR251-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
FR253-2C2.5A-2CDO-15 DGNJDZ-FR253-2C2.5A-2CDO-15 Datasheet
300Kb / 2P
   2.5 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR151 BYTES-FR151 Datasheet
152Kb / 2P
   1.5 AMP FAST RECOVERY RECTIFIERS
logo
Surge Components
FR101 SURGE-FR101 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Jinan Gude Electronic D...
IN4942 JGD-IN4942 Datasheet
135Kb / 2P
   1.0 AMP. FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com