Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC12662 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12662
Description  12-Bit, 1.5 MHz, 200 mW A/D Converter with Input Multiplexer and Sample/Hold
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12662 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  ADC12662 Datasheet HTML 1Page - National Semiconductor (TI) ADC12662 Datasheet HTML 2Page - National Semiconductor (TI) ADC12662 Datasheet HTML 3Page - National Semiconductor (TI) ADC12662 Datasheet HTML 4Page - National Semiconductor (TI) ADC12662 Datasheet HTML 5Page - National Semiconductor (TI) ADC12662 Datasheet HTML 6Page - National Semiconductor (TI) ADC12662 Datasheet HTML 7Page - National Semiconductor (TI) ADC12662 Datasheet HTML 8Page - National Semiconductor (TI) ADC12662 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Dynamic Characteristics (Note 10) (Continued)
The following specifications apply for DV
CC =AVCC = +5V, VREF+(SENSE) = +4.096V, VREF−(SENSE) = AGND, RS =25Ω,fIN =
100 kHz, 0 dB from fullscale, and f
s = 1.5 MHz, unless otherwise specified. Boldface limits apply for TA =TJ from TMIN to
T
MAX; all other limits TA =TJ = +25˚C.
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 7)
(Note 8)
(Limit)
SNR
Signal-to-Noise Ratio
T
MIN to TMAX
70
67.5
dB (min)
(Note 11)
THD
Total Harmonic Distortion
T
MIN to TMAX
−80
−70
dBc (max)
(Note 12)
ENOB
Effective Number of Bits
T
MIN to tMAX
11.3
10.8
Bits (min)
(Note 13)
IMD
Intermodulation Distortion
f
IN = 88.7 kHz, 89.5 kHz
−80
dBc
DC Electrical Characteristics
The following specifications apply for DV
CC =AVCC = +5V, VREF+(SENSE) = +4.096V, VREF−(SENSE) = AGND, and fs = 1.5 MHz,
unless otherwise specified. Boldface limits apply for T
A =TJ from TMIN to TMAX; all other limits TA =TJ = +25˚C.
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 7)
(Note 8)
(Limit)
V
IN(1)
Logical “1” Input Voltage
DV
CC =AVCC = +5.5V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
DV
CC =AVCC = +4.5V
0.8
V (max)
I
IN(1)
Logical “1” Input Current
0.1
1.0
µA (max)
I
IN(0)
Logical “0” Input Current
0.1
1.0
µA (max)
V
OUT(1)
Logical “1” Output Voltage
DV
CC =AVCC = +4.5V,
I
OUT = −360 µA
2.4
V (min)
I
OUT = −100 µA
4.25
V (min)
V
OUT(0)
Logical “0” Output Voltage
DV
CC =AVCC = +4.5V,
0.4
V (max)
I
OUT = 1.6 mA
I
OUT
TRI-STATE® Output
Leakage Current
Pins DB0–DB11
0.1
3
µA (max)
C
OUT
TRI-STATE Output Capacitance
Pins DB0–DB11
5
pF
C
IN
Digital Input Capacitance
4
pF
DI
CC
DV
CC Supply Current
2
3
mA (max)
AI
CC
AV
CC Supply Current
32
37
mA (max)
I
STANDBY
Standby Current (DI
CC +AICC)
PD=0V
50
µA
AC Electrical Characteristics
The following specifications apply for DV
CC =AVCC = +5V, VREF+(SENSE) = +4.096V, VREF−(SENSE) = AGND, and fs = 1.5 MHz,
unless otherwise specified. Boldface limits apply for T
A =TJ from TMIN to TMAX; all other limits TA =TJ = +25˚C.
Symbol
Parameter
Conditions
Typ
Limit
Units
(Note 7)
(Note 8)
(Limits)
f
s
Maximum Sampling Rate
1.5
MHz (min)
(1/t
THROUGHPUT)
t
CONV
Conversion Time
580
510
ns (min)
(S/H Low to EOC High)
660
ns (max)
t
AD
Aperture Delay
20
ns
(S/H Low to Input Voltage Held)
t
S/H
S/H Pulse Width
10
5
ns (min)
400
ns (max)
t
EOC
S/H Low to EOC Low
90
60
ns (min)
126
ns (max)
www.national.com
5


Similar Part No. - ADC12662

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC126 MPSIND-ADC126 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
More results

Similar Description - ADC12662

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12762 NSC-ADC12762 Datasheet
427Kb / 20P
   12-Bit, 1.4 MHz, 300 mW A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com