Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q3125DBQR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3125DBQR
Description  Quadruple FET Bus Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3125DBQR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74CB3Q3125DBQR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3125DBQR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3125DBQR Datasheet HTML 9Page - Texas Instruments SN74CB3Q3125DBQR Datasheet HTML 10Page - Texas Instruments SN74CB3Q3125DBQR Datasheet HTML 11Page - Texas Instruments SN74CB3Q3125DBQR Datasheet HTML 12Page - Texas Instruments SN74CB3Q3125DBQR Datasheet HTML 13Page - Texas Instruments SN74CB3Q3125DBQR Datasheet HTML 14Page - Texas Instruments SN74CB3Q3125DBQR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
0
1
2
3
4
5
0
200
400
600
800
1000
1200
Time (ps)
Vin
Vout
C001
SN74CB3Q3125
www.ti.com
SCDS143C – OCTOBER 2003 – REVISED JUNE 2015
Typical Application (continued)
9.2.2 Detailed Design Procedure
1. Recommended input conditions:
For specified high and low levels, see VIH and VIL in Recommended Operating Conditions
Inputs and outputs are overvoltage tolerant, which slows them to go as high as 5.5 V at any valid VCC
2. Recommended output conditions:
Load currents must not exceed ±64 mA per channel
3. Frequency selection criterion:
Added trace resistance or capacitance can reduce maximum frequency capability; use layout practices as
directed in Layout
9.2.3 Application Curve
Figure 6. Propagation Delay (tpd) Simulation Result at VCC = 3.3 V
10 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating listed in the
Absolute Maximum Ratings table.
Each VCC terminal should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-
μF bypass capacitor is recommended. If multiple pins are labeled VCC, then a 0.01-μF or 0.022-μF
capacitor is recommended for each VCC because the VCC pins are tied together internally. For devices with dual-
supply pins operating at different voltages, for example VCC and VDD, a 0.1-µF bypass capacitor is recommended
for each supply pin. To reject different frequencies of noise, use multiple bypass capacitors in parallel. Capacitors
with values of 0.1
μF and 1 μF are commonly used in parallel. The bypass capacitor must be installed as close to
the power terminal as possible for best results.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74CB3Q3125


Similar Part No. - SN74CB3Q3125DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3125DBQR TI-SN74CB3Q3125DBQR Datasheet
306Kb / 1P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - SN74CB3Q3125DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com