Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q16244DGGR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q16244DGGR
Description  16-Bit FET Bus Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q16244DGGR Datasheet(HTML) 4 Page - Texas Instruments

  SN74CB3Q16244DGGR Datasheet HTML 1Page - Texas Instruments SN74CB3Q16244DGGR Datasheet HTML 2Page - Texas Instruments SN74CB3Q16244DGGR Datasheet HTML 3Page - Texas Instruments SN74CB3Q16244DGGR Datasheet HTML 4Page - Texas Instruments SN74CB3Q16244DGGR Datasheet HTML 5Page - Texas Instruments SN74CB3Q16244DGGR Datasheet HTML 6Page - Texas Instruments SN74CB3Q16244DGGR Datasheet HTML 7Page - Texas Instruments SN74CB3Q16244DGGR Datasheet HTML 8Page - Texas Instruments SN74CB3Q16244DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1B1
1B2
GND
1B3
1B4
VCC
2B1
2B2
GND
2B3
2B4
3B1
3B2
GND
3B3
3B4
VCC
4B1
4B2
GND
4B3
4B4
4OE
2OE
1A1
1A2
GND
1A3
1A4
VCC
2A1
2A2
GND
2A3
2A4
3A1
3A2
GND
3A3
3A4
VCC
4A1
4A2
GND
4A3
4A4
3OE
SN74CB3Q16244
SCDS168A – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
6 Pin Configuration and Functions
DGG, DGV, or DL Package
48-Pin TSSOP, TVSOP, or SSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
1A1, 1A2
47, 46
I/O
Bidirectional signal to be switched
1A3, 1A4
44, 43
1B1, 1B2
2, 3
I/O
Bidirectional signal to be switched
1B3, 1B4
5, 6
Switch Output Enable to connect pins 1A1, 1A2, 1A3, 1A4 to 1B1, 1B2, 1B3, 1B4
1OE
1
I
(Active Low: L = ON, H = OFF)
2A1, 2A2
41, 40
I/O
Bidirectional signal to be switched
2A3, 2A4
38, 37
2B1, 2B2
8, 9
I/O
Bidirectional signal to be switched
2B3, 2B4
11, 12
Switch Output Enable to connect pins 2A1, 2A2, 2A3, 2A4 to 2B1, 2B2, 2B3, 2B4
2OE
48
I
(Active Low: L = ON, H = OFF)
3A1, 3A2
36, 35
I/O
Bidirectional signal to be switched
3A3, 3A4
33, 32
3B1, 3B2
13, 14
I/O
Bidirectional signal to be switched
3B3, 3B4
16, 17
Switch Output Enable to connect pins 3A1, 3A2, 3A3, 3A4 to 3B1, 3B2, 3B3, 3B4
3OE
25
I
(Active Low: L = ON, H = OFF)
4A1, 4A2
30, 29
I/O
Bidirectional signal to be switched
4A3, 4A4
27, 26
4B1, 4B2
19, 20
I/O
Bidirectional signal to be switched
4B3, 4B4
22, 23
Switch Output Enable to connect pins 4A1, 4A2, 4A3, 4A4 to 4B1, 4B2, 4B3, 4B4
4OE
24
I
(Active Low: L = ON, H = OFF)
VCC
7, 18, 31, 42
Power Supply
4, 10, 15, 21
GND
Ground
28, 34, 39, 45
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74CB3Q16244


Similar Part No. - SN74CB3Q16244DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q16244DGGR TI-SN74CB3Q16244DGGR Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244DGGR TI-SN74CB3Q16244DGGR Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - SN74CB3Q16244DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI1-SN74CBT16245_09 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_07 Datasheet
304Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com