Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4051BM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD4051BM
Description  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4051BM Datasheet(HTML) 1 Page - Texas Instruments

  CD4051BM Datasheet HTML 1Page - Texas Instruments CD4051BM Datasheet HTML 2Page - Texas Instruments CD4051BM Datasheet HTML 3Page - Texas Instruments CD4051BM Datasheet HTML 4Page - Texas Instruments CD4051BM Datasheet HTML 5Page - Texas Instruments CD4051BM Datasheet HTML 6Page - Texas Instruments CD4051BM Datasheet HTML 7Page - Texas Instruments CD4051BM Datasheet HTML 8Page - Texas Instruments CD4051BM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
INH
C B A
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
Ch 0
Ch 1
Ch 2
Ch 3
Ch 4
Ch 5
Ch 6
Ch 7
C
B
A
COM
ax
ay
bx
by
cx
cy
ax OR ay
bx OR by
cx OR cy
A
B
C
A
B
C
INH
INH
X COM
Y COM
B A
0 0
0 1
1 0
1 1
Ch X0
Ch Y0
Ch X1
Ch Y1
Ch X2
Ch Y2
Ch X3
Ch Y3
A
B
CD4051B
CD4052B
CD4053B
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CD4051B, CD4052B, CD4053B
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
CD405xB CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
With Logic-Level Conversion
1 Features
3 Description
The CD405xB analog multiplexers and demuliplexers
1
Wide Range of Digital and Analog Signal Levels
are digitally-controlled analog switches having low
Digital: 3 V to 20 V
ON impedance and very low OFF leakage current.
Analog:
≤20 VP-P
These multiplexer circuits dissipate extremely low
quiescent power over the full VDD – VSS and VDD
Low ON Resistance,125
Ω (Typical) Over 15 VP-P
VEE supply-voltage ranges, independent of the logic
Signal Input Range for VDD – VEE = 18 V
state of the control signals.
High OFF Resistance, Channel Leakage of ±100
pA (Typical) at VDD – VEE = 18 V
Device Information(1)
Logic-Level Conversion for Digital Addressing
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Signals of 3 V to 20 V (VDD – VSS = 3 V to 20 V)
CDIP (16)
19.50 mm × 6.92 mm
to Switch Analog Signals to 20 VP-P (VDD – VEE =
PDIP (16)
19.30 mm × 6.35 mm
20 V) Matched Switch Characteristics, rON = 5 Ω
CD405xB
SOIC (16)
9.90 mm × 3.91 mm
(Typical) for VDD – VEE = 15 V Very Low Quiescent
SOP (16)
10.30 mm × 5.30 mm
Power Dissipation Under All Digital-Control Input
TSSOP (16)
5.00 mm × 4.40 mm
and Supply Conditions, 0.2 µW (Typical) at VDD
VSS = VDD – VEE = 10 V
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Binary Address Decoding on Chip
5 V, 10 V, and 15 V Parametric Ratings
Functional Diagrams of CD405xB
100% Tested for Quiescent Current at 20 V
Maximum Input Current of 1 µA at 18 V Over Full
Package Temperature Range, 100 nA at 18 V and
25°C
Break-Before-Make Switching Eliminates Channel
Overlap
2 Applications
Analog and Digital Multiplexing and
Demultiplexing
A/D and D/A Conversion
Signal Gating
Factory Automation
Televisions
Appliances
Consumer Audio
Programmable Logic Circuits
Sensors
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD4051BM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4051BM NSC-CD4051BM Datasheet
189Kb / 10P
   Single 8-Channel, Dual 4-Channel, Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Texas Instruments
CD4051BM TI-CD4051BM Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051BM HARRIS-CD4051BM Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051BM TI-CD4051BM Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4051BM TI-CD4051BM Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
More results

Similar Description - CD4051BM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com