Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q16244DGVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q16244DGVR
Description  16-Bit FET Bus Switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q16244DGVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74CB3Q16244DGVR Datasheet HTML 4Page - Texas Instruments SN74CB3Q16244DGVR Datasheet HTML 5Page - Texas Instruments SN74CB3Q16244DGVR Datasheet HTML 6Page - Texas Instruments SN74CB3Q16244DGVR Datasheet HTML 7Page - Texas Instruments SN74CB3Q16244DGVR Datasheet HTML 8Page - Texas Instruments SN74CB3Q16244DGVR Datasheet HTML 9Page - Texas Instruments SN74CB3Q16244DGVR Datasheet HTML 10Page - Texas Instruments SN74CB3Q16244DGVR Datasheet HTML 11Page - Texas Instruments SN74CB3Q16244DGVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
VOH
VOL
CL
(see Note A)
TEST CIRCUIT
S1
2
× VCC
Open
GND
RL
RL
tPLH
tPHL
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOH
VOL
0 V
VOL + V
VOH − V
0 V
Output
Control
(VIN)
VCC
VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (tpd(s))
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Output
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd(s). The tpd propagation delay is the calculated RC time constant of the typical ON-state resistance
of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance).
H. All parameters and waveforms are not applicable to all devices.
50
VG1
VCC
DUT
50
VIN
50
VG2
50
VI
TEST
RL
S1
V
CL
2.5 V
± 0.2 V
3.3 V
± 0.3 V
VCC
VI
tPHZ/tPZH
tPLZ/tPZL
tpd(s)
2.5 V
± 0.2 V
3.3 V
± 0.3 V
2.5 V
± 0.2 V
3.3 V
± 0.3 V
Open
Open
2
× VCC
2
× VCC
GND
GND
500
500
500
500
500
500
VCC or GND
VCC or GND
GND
GND
VCC
VCC
30 pF
50 pF
30 pF
50 pF
30 pF
50 pF
0.15 V
0.3 V
0.15 V
0.3 V
Output
Control
(VIN)
Input Generator
Input Generator
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VO
SN74CB3Q16244
SCDS168A – MAY 2004 – REVISED SEPTEMBER 2015
www.ti.com
8 Parameter Measurement Information
Figure 2. Test Circuit and Voltage Waveforms
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: SN74CB3Q16244


Similar Part No. - SN74CB3Q16244DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q16244DGVR TI-SN74CB3Q16244DGVR Datasheet
181Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q16244DGVR TI-SN74CB3Q16244DGVR Datasheet
358Kb / 15P
[Old version datasheet]   16-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - SN74CB3Q16244DGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI1-SN74CBT16245_09 Datasheet
340Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_07 Datasheet
304Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_08 Datasheet
333Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390 Datasheet
75Kb / 5P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
SN74CBT16390 TI-SN74CBT16390_07 Datasheet
303Kb / 11P
[Old version datasheet]   16-BIT TO 32-BIT FET MULTIPLEXER/DEMULTIPLEXER BUS SWITCH
logo
Integrated Device Techn...
IDT74FST163245 IDT-IDT74FST163245 Datasheet
85Kb / 6P
   16-BIT BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
   16-Bit Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com