Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q3125PWE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74CB3Q3125PWE4
Description  Quadruple FET Bus Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3Q3125PWE4 Datasheet(HTML) 5 Page - Texas Instruments

  SN74CB3Q3125PWE4 Datasheet HTML 1Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 2Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 3Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 4Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 5Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 6Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 7Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 8Page - Texas Instruments SN74CB3Q3125PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SN74CB3Q3125
www.ti.com
SCDS143C – OCTOBER 2003 – REVISED JUNE 2015
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
VCC = 3.6 V,
II = –18 mA
–1.8
V
IIN
Control inputs
VCC = 3.6 V,
VIN = 0 to 5.5 V
±1
µA
VO = 0 to 5.5 V,
Switch OFF,
IOZ
(3)
VCC = 3.6 V,
±1
µA
VI = 0,
VIN = VCC or GND
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
1
µA
II/O = 0,
ICC
VCC = 3.6 V,
VIN = VCC or GND
0.3
1
mA
Switch ON or OFF,
ΔICC
(4)
Control inputs
VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
30
µA
VCC = 3.6 V,
A and B ports open,
Per control
mA/
ICCD
(5)
0.04
0.2
input
MHz
Control input switching at 50% duty cycle
Cin
Control inputs
VCC = 3.3 V,
VIN = 5.5 V, 3.3 V, or 0
2.5
3.5
pF
Switch OFF,
Cio(OFF)
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
4
5
pF
VIN = VCC or GND,
Switch ON,
Cio(ON)
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
8
10
pF
VIN = VCC or GND,
VI = 0,
IO = 30 mA
4
8
VCC = 2.3 V,
TYP at VCC = 2.5 V
VI = 1.7 V,
IO = –15 mA
4
9
ron
(6)
VI = 0,
IO = 30 mA
4
6
VCC = 3 V
VI = 2.4 V,
IO = –15 mA
4
8
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
This parameter specifies the dynamic power-supply current associated with the operating frequency of a single control input (see
Figure 2).
(6)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 2.5 V ± 0.2 V
VCC = 3.3 V ± 0.3 V
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
f OE
(1)
OE
A or B
10
20
MHz
tpd
(2)
A or B
B or A
0.12
0.2
ns
ten
OE
A or B
1.5
6.7
1.5
6.6
ns
tdis
OE
A or B
1
4.6
1
5.3
ns
(1)
Maximum switching frequency for control input (VO > VCC, VI = 5 V, RL ≥ 1 MΩ, CL = 0)
(2)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74CB3Q3125


Similar Part No. - SN74CB3Q3125PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3125PWE4 TI-SN74CB3Q3125PWE4 Datasheet
306Kb / 1P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - SN74CB3Q3125PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT3126DBQR TI1-SN74CBT3126DBQR Datasheet
1Mb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com