Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3T3245DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3T3245DW
Description  8-Bit FET Bus Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3T3245DW Datasheet(HTML) 5 Page - Texas Instruments

  SN74CB3T3245DW Datasheet HTML 1Page - Texas Instruments SN74CB3T3245DW Datasheet HTML 2Page - Texas Instruments SN74CB3T3245DW Datasheet HTML 3Page - Texas Instruments SN74CB3T3245DW Datasheet HTML 4Page - Texas Instruments SN74CB3T3245DW Datasheet HTML 5Page - Texas Instruments SN74CB3T3245DW Datasheet HTML 6Page - Texas Instruments SN74CB3T3245DW Datasheet HTML 7Page - Texas Instruments SN74CB3T3245DW Datasheet HTML 8Page - Texas Instruments SN74CB3T3245DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
SN74CB3T3245
www.ti.com
SCDS136B – OCTOBER 2003 – REVISED JUNE 2015
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
VCC = 3 V, II = –18 mA
–1.2
V
VOH
See and Figure 1
IIN
Control inputs
VCC = 3.6 V, VIN = 3.6 V to 5.5 V or GND
±10
µA
VI = VCC – 0.7 V to 5.5 V
±20
II
VCC = 3.6 V, Switch ON, VIN = VCC or GND VI = 0.7 V to VCC – 0.7 V
–40
µA
VI = 0 to 0.7 V
±5
IOZ
(3)
VCC = 3.6 V, VO = 0 to 5.5 V, VI = 0, Switch OFF, VIN = VCC or GND
±10
µA
Ioff
VCC = 0, VO = 0 to 5.5 V, VI = 0,
10
µA
VI = VCC or GND
40
VCC = 3.6 V, II/O = 0,
ICC
µA
Switch ON or OFF, VIN = VCC or GND
VI = 5.5 V
40
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V, Other inputs at VCC or
ΔICC
(4)
Control inputs
300
µA
GND
Cin
Control inputs
VCC = 3.3 V, VIN = VCC or GND
4
pF
VCC = 3.3 V, VI/O = 5.5 V, 3.3 V, or GND, Switch OFF, VIN = VCC or
Cio(OFF)
5
pF
GND
VI/O = 5.5 V or 3.3 V
5
Cio(ON)
VCC = 3.3 V, Switch ON, VIN = VCC or GND
pF
VI/O = GND
13
IO = 24 mA
5
8.5
VCC = 2.3 V, TYP at VCC = 2.5 V, VI = 0
IO = 16 mA
5
8.5
ron
(5)
IO = 64 mA
5
7
VCC = 3 V, VI = 0
IO = 32 mA
5
7
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between A and B terminals at the indicated current through the switch. ON-state resistance is determined
by the lower of the voltages of the two (A or B) terminals.
6.6 Switching Characteristics
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 4)
VCC = 2.5 V
VCC = 3.3 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd
(1)
A or B
B or A
0.15
0.25
ns
ten
OE
A or B
1
10.5
1
8
ns
tdis
OE
A or B
1
5.5
1
7.5
ns
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74CB3T3245


Similar Part No. - SN74CB3T3245DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3245DW TI-SN74CB3T3245DW Datasheet
307Kb / 14P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWTCH WITH 5-V-TOLERANK LEVEL SHIFTER
SN74CB3T3245DW TI-SN74CB3T3245DW Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3245DW TI-SN74CB3T3245DW Datasheet
476Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245DW TI-SN74CB3T3245DW Datasheet
512Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245DWE4 TI-SN74CB3T3245DWE4 Datasheet
307Kb / 14P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWTCH WITH 5-V-TOLERANK LEVEL SHIFTER
More results

Similar Description - SN74CB3T3245DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CBT3345 TI-SN74CBT3345 Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT3345 RENESAS-HD74CBT3345 Datasheet
213Kb / 11P
   8-bit FET Bus Switch
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT3861 TI-SN74CBT3861 Datasheet
258Kb / 10P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A_06 Datasheet
296Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT32245 TI-SN74CBT32245 Datasheet
260Kb / 8P
[Old version datasheet]   32-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com