Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CB3T3306DCURE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # 74CB3T3306DCURE4
Description  Dual FET Bus Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

74CB3T3306DCURE4 Datasheet(HTML) 5 Page - Texas Instruments

  74CB3T3306DCURE4 Datasheet HTML 1Page - Texas Instruments 74CB3T3306DCURE4 Datasheet HTML 2Page - Texas Instruments 74CB3T3306DCURE4 Datasheet HTML 3Page - Texas Instruments 74CB3T3306DCURE4 Datasheet HTML 4Page - Texas Instruments 74CB3T3306DCURE4 Datasheet HTML 5Page - Texas Instruments 74CB3T3306DCURE4 Datasheet HTML 6Page - Texas Instruments 74CB3T3306DCURE4 Datasheet HTML 7Page - Texas Instruments 74CB3T3306DCURE4 Datasheet HTML 8Page - Texas Instruments 74CB3T3306DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SN74CB3T3306
www.ti.com
SCDS119C – JANUARY 2003 – REVISED DECEMBER 2015
6.4 Thermal Information
SN74CB3T3306
THERMAL METRIC(1)
DCT (SSOP)
DCU (VSSOP)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
182.6
209.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
113.2
75.5
°C/W
RθJB
Junction-to-board thermal resistance
95.1
88.9
°C/W
ψJT
Junction-to-top characterization parameter
39.2
6.4
°C/W
ψJB
Junction-to-board characterization parameter
94.1
88.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
VCC = 3 V, II = –18 mA
–1.2
V
(see Figure 9 and Figure 1)
VOH
IIN
Control inputs
VCC = 3.6 V, VIN = 3.6 V to 5.5 V or GND
±10
µA
VI = VCC – 0.7 V to 5.5 V
±20
VCC = 3.6 V, Switch ON,
II
VI = 0.7 V to VCC – 0.7 V
–40
µA
VIN = VCC or GND
VI = 0 to 0.7 V
±5
IOZ
(3)
VCC = 3.6 V, VO = 0 to 5.5 V, VI = 0, Switch OFF, VIN = VCC or GND
±10
µA
Ioff
VCC = 0, VO = 0 to 5.5 V, VI = 0
10
µA
VI = VCC or GND
20
VCC = 3.6 V, II/O = 0,
ICC
µA
Switch ON or OFF, VIN = VCC or GND
VI = 5.5 V
20
VCC = 3 V to 3.6 V, One input at VCC – 0.6 V,
ΔICC
(4)
Control inputs
300
µA
Other inputs at VCC or GND
Cin
Control inputs
VCC = 3.3 V, VIN = VCC or GND
3
pF
VCC = 3.3 V, VI/O = 5.5 V, 3.3 V, or GND, Switch OFF,
Cio(OFF)
4.5
pF
VIN = VCC or GND
VI/O = 5.5 V or 3.3 V
4
VCC = 3.3 V, Switch ON,
Cio(ON)
pF
VIN = VCC or GND
VI/O = GND
15
IO = 24 mA
5
8
VCC = 2.3 V, TYP at VCC = 2.5 V,
VI = 0
IO = 16 mA
5
8
ron
(5)
IO = 64 mA
5
7
VCC = 3 V, VI = 0
IO = 32 mA
5
7
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
Measured by the voltage drop between A and B terminals at the indicated current through the switch. ON-state resistance is determined
by the lower of the voltages of the two (A or B) terminals.
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN74CB3T3306


Similar Part No. - 74CB3T3306DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74CB3T3383DBQRE4 TI-74CB3T3383DBQRE4 Datasheet
401Kb / 19P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCH 2.5V/3.3-V LOW-VOLTAGE BUSSWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T3383DBQRG4 TI-74CB3T3383DBQRG4 Datasheet
401Kb / 19P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCH 2.5V/3.3-V LOW-VOLTAGE BUSSWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T3383DGVRE4 TI-74CB3T3383DGVRE4 Datasheet
401Kb / 19P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCH 2.5V/3.3-V LOW-VOLTAGE BUSSWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T3383DGVRG4 TI-74CB3T3383DGVRG4 Datasheet
401Kb / 19P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCH 2.5V/3.3-V LOW-VOLTAGE BUSSWITCH WITH 5-V-TOLERANT LEVEL SHIFTER
74CB3T3384DBQRE4 TI-74CB3T3384DBQRE4 Datasheet
345Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE BUS SWITCH 5-V TOLERANT LEVEL SHIFTER
More results

Similar Description - 74CB3T3306DCURE4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
   DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CBT3306 TI-SN74CBT3306 Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
SN74CBT3306 TI-SN74CBT3306_07 Datasheet
230Kb / 11P
[Old version datasheet]   DUAL FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306_15 Datasheet
200Kb / 4P
   DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DR TI-SN74CBTD3306DR Datasheet
769Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306 TI-SN74CBTD3306 Datasheet
74Kb / 5P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBT3305C TI1-SN74CBT3305C_15 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com