Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3T3245PW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3T3245PW
Description  8-Bit FET Bus Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3T3245PW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74CB3T3245PW Datasheet HTML 4Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 5Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 6Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 7Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 8Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 9Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 10Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 11Page - Texas Instruments SN74CB3T3245PW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
OE
A1
A8
B1
B8
2
9
19
18
11
SW
SW
0 V
|VCC
VCC
OUT
IN
CB3T
Output Voltages
Input Voltages
0 V
|VCC = 1 V
VCC + 1 V
5.5 V
SN74CB3T3245
SCDS136B – OCTOBER 2003 – REVISED JUNE 2015
www.ti.com
8 Detailed Description
8.1 Overview
The SN74CB3T3245 device is a high-speed TTL-compatible FET bus switch with low ON-state resistance (ron),
allowing for minimal propagation delay. The device fully supports mixed-mode signal operation on all data I/O
ports by providing voltage translation that tracks VCC. The SN74CB3T3245 device supports systems using 5-V
TTL, 3.3-V LVTTL, and 2.5-V CMOS switching standards, as well as user-defined switching levels (see Figure 5).
The SN74CB3T3245 device is an 8-bit bus switch with a single ouput-enable (OE) input and a standard '245
pinout. When OE is low, the 8-bit bus switch is ON, and the A port is connected to the B port, allowing
bidirectional data flow between ports. When OE is high, the 8-bit bus switch is OFF, and a high-impedance state
exists between the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that damaging
current will not backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
8.2 Functional Block Diagram
If the input high voltage (VIH) level is greater than or equal to VCC + 1V, and less than or equal to 5.5V, the output
high voltage (VOH) level will be equal to approximately the VCC voltage level.
Figure 5. Typical DC Voltage Translation Characteristics
Figure 6. Logic Diagram (Positive Logic)
8
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74CB3T3245


Similar Part No. - SN74CB3T3245PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3T3245PW TI-SN74CB3T3245PW Datasheet
307Kb / 14P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWTCH WITH 5-V-TOLERANK LEVEL SHIFTER
SN74CB3T3245PW TI-SN74CB3T3245PW Datasheet
356Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3245PW TI-SN74CB3T3245PW Datasheet
476Kb / 17P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245PW TI-SN74CB3T3245PW Datasheet
512Kb / 18P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE WITH 5-V-TOLERANT LEVEL SHIFTER
SN74CB3T3245PWE4 TI-SN74CB3T3245PWE4 Datasheet
307Kb / 14P
[Old version datasheet]   8-BIT FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWTCH WITH 5-V-TOLERANK LEVEL SHIFTER
More results

Similar Description - SN74CB3T3245PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3345 TI1-SN74CBT3345_16 Datasheet
1Mb / 16P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CBT3345 TI-SN74CBT3345 Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT3345 RENESAS-HD74CBT3345 Datasheet
213Kb / 11P
   8-bit FET Bus Switch
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT3861 TI-SN74CBT3861 Datasheet
258Kb / 10P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A_06 Datasheet
296Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT32245 TI-SN74CBT32245 Datasheet
260Kb / 8P
[Old version datasheet]   32-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com