Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A27518E Datasheet(PDF) 8 Page - Texas Instruments

Part # TS3A27518E
Description  6-Channel, 1:2 Multiplexer/Demultiplexer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A27518E Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS3A27518E_16 Datasheet HTML 4Page - Texas Instruments TS3A27518E_16 Datasheet HTML 5Page - Texas Instruments TS3A27518E_16 Datasheet HTML 6Page - Texas Instruments TS3A27518E_16 Datasheet HTML 7Page - Texas Instruments TS3A27518E_16 Datasheet HTML 8Page - Texas Instruments TS3A27518E_16 Datasheet HTML 9Page - Texas Instruments TS3A27518E_16 Datasheet HTML 10Page - Texas Instruments TS3A27518E_16 Datasheet HTML 11Page - Texas Instruments TS3A27518E_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8
TS3A27518E
SCDS260D – MARCH 2009 – REVISED MAY 2016
www.ti.com
Product Folder Links: TS3A27518E
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(2)
All unused digital inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, SCBA004.
6.6 Electrical Characteristics for 2.5-V Supply
(1)
VCC = 2.3 V to 2.7 V, TA = –40°C to +85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VCOM,
VNO, VNC
Analog signal
voltage
0
VCC
V
ron
ON-state
resistance
VCC = 2.3 V
0
≤ (VNC or VNO) ≤ VCC,
ICOM = –32 mA
Switch ON,
see Figure 15
TA = 25°C
5.5
9.6
TA = –40°C to
+85°C
11.5
Δron
ON-state
resistance
match
between
channels
VCC = 2.3 V
VNC or VNO = 1.6 V,
ICOM = –32 mA
Switch ON,
see Figure 15
TA = 25°C
0.3
0.8
TA = –40°C to
+85°C
0.9
ron(flat)
ON-state
resistance
flatness
VCC = 2.3 V
0
≤ (VNC or VNO) ≤ VCC,
ICOM = –32 mA
Switch ON,
see Figure 16
TA = 25°C
0.91
2.2
TA = –40°C to
+85°C
2.3
INC(OFF),
INO(OFF)
NC, NO
OFF leakage
current
VCC = 2.7 V
VNC or VNO = 0.5 V,
VCOM = 2.3 V,
or
VNC or VNO = 2.3 V,
VCOM = 0.5 V
Switch OFF,
see Figure 16
TA = 25°C
–0.3
0.04
0.3
μA
TA = –40°C to
+85°C
–6
6
INC(PWROFF),
INO(PWROFF)
VCC = 0 V
VNC or VNO = 0 to 2.7 V,
VCOM =2.7 V to 0,
or
VNC or VNO = 2.7 V to 0,
VCOM = 0 to 2.7 V
TA = 25°C
–0.6
0.02
0.6
TA = –40°C to
+85°C
–10
10
ICOM(OFF)
COM
OFF leakage
current
VCC = 2.7 V
VNC or VNO = 0.5 V,
VCOM = 2.3 V,
or
VNC or VNO = 2.3 V,
VCOM = 0.5 V
Switch OFF,
see Figure 16
TA = 25°C
–0.7
0.02
0.7
μA
TA = –40°C to
+85°C
–1
1
ICOM(PWROFF)
VCC = 0 V
VNC or VNO = 2.7 V to 0,
VCOM = 0 to 2.7 V,
or
VNC or VNO = 0 to 2.7 V,
VCOM = 2.7 V to 0
TA = 25°C
–0.7
0.02
0.7
TA = –40°C to
+85°C
–7.2
7.2
INO(ON)
INC(ON)
NC, NO
ON leakage
current
VCC = 2.7 V
VNC or VNO = 0.5 V or
2.3 V,
VCOM = open
Switch ON,
see Figure 17
TA = 25°C
–2.1
0.03
2.1
μA
TA = –40°C to
+85°C
–6
6
ICOM(ON)
COM
ON leakage
current
VCC = 2.7 V
VNC or VNO = open,
VCOM = 0.5 V,
or
VNC or VNO = open,
VCOM = 2.3 V
Switch ON,
see Figure 17
TA = 25°C
–2
0.02
2
μA
TA = –40°C to
+85°C
–5.7
5.7
DIGITAL CONTROL INPUTS (IN1, IN2, EN) (2)
VIH
Input logic high
VCC = 2.7 V
VI = VCC or GND
TA = –40°C to
+85°C
1.15
3.6
V
VIL
Input logic low
VCC = 2.7 V
0
0.55
V
IIH, IIL
Input leakage
current
VCC = 2.7 V
VI = VCC or 0
TA = 25°C
–0.1
0.01
0.1
μA
TA = –40°C to
+85°C
–2.1
2.1
DYNAMIC
tON
Turnon time
VCC = 2.5 V
VCOM = VCC,
RL = 50 Ω
CL = 35 pF,
see Figure 19
TA = 25°C
17.2
36.8
ns
VCC = 2.3 V to
2.7 V
TA = –40°C to
+85°C
42.5
tOFF
Turnoff time
VCC = 2.5 V
VCOM = VCC,
RL = 50 Ω
CL = 35 pF,
see Figure 19
TA = 25°C
17.1
29.8
ns
VCC = 2.3 V to
2.7 V
TA = –40°C to
+85°C
34.4
tBBM
Break-before-
make time
VCC = 2.5 V
VNC = VNO = VCC/2,
RL = 50 Ω
CL = 35 pF,
see Figure 20
TA = 25°C
4.5
13
30
ns
VCC = 2.3 V to
2.7 V
TA = –40°C to
+85°C
33.3


Similar Part No. - TS3A27518E_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A27518E TI-TS3A27518E_15 Datasheet
1Mb / 29P
[Old version datasheet]   6-BIT, 1-of-2 MULTIPLEXER/DEMULTIPLEXER WITH INTEGRATED IEC L-4 ESD AND 1.8-V LOGIC COMPATIBLE CONTROL INPUTS
More results

Similar Description - TS3A27518E_16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC7PA53FU TOSHIBA-TC7PA53FU_07 Datasheet
163Kb / 8P
   2-Channel Multiplexer/Demultiplexer
TC7W53F TOSHIBA-TC7W53F_06 Datasheet
492Kb / 11P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com