Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3166DCKRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3166DCKRG4
Description  SPST Analog Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3166DCKRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TS5A3166DCKRG4 Datasheet HTML 1Page - Texas Instruments TS5A3166DCKRG4 Datasheet HTML 2Page - Texas Instruments TS5A3166DCKRG4 Datasheet HTML 3Page - Texas Instruments TS5A3166DCKRG4 Datasheet HTML 4Page - Texas Instruments TS5A3166DCKRG4 Datasheet HTML 5Page - Texas Instruments TS5A3166DCKRG4 Datasheet HTML 6Page - Texas Instruments TS5A3166DCKRG4 Datasheet HTML 7Page - Texas Instruments TS5A3166DCKRG4 Datasheet HTML 8Page - Texas Instruments TS5A3166DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
TS5A3166
www.ti.com
SCDS186D – FEBRUARY 2005 – REVISED FEBRUARY 2016
Product Folder Links: TS5A3166
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics for 5-V Supply (continued)
V+ = 4.5 V to 5.5 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
INO(ON)
NO
ON leakage
current
VNO = 1 V,
VCOM = Open,
or
VNO = 4.5 V,
VCOM = Open,
Switch ON,
see Figure 15
25°C
5.5 V
–2
0.3
2
nA
Full
–20
20
ICOM(ON)
COM
ON leakage
current
VCOM = 1 V,
VNO = Open,
or
VCOM = 4.5 V,
VNO = Open,
Switch ON,
see Figure 15
25°C
5.5 V
–2
0.3
2
nA
Full
–20
20
Digital Control Inputs (IN)
VIH
Input logic high
Full
2.4
5.5
V
VIL
Input logic low
Full
0
0.8
V
IIH, IIL
Input leakage
current
VI = 5.5 V or 0
25°C
5.5 V
–2
0.3
2
nA
Full
–20
20
Dynamic
tON
Turnon time
VCOM = V+,
RL = 50 Ω,
CL = 35 pF,
see Figure 17
25°C
5 V
2.5
4.5
7
ns
Full
4.5 V to
5.5 V
1.5
7.5
tOFF
Turnoff time
VCOM = V+,
RL = 50 Ω,
CL = 35 pF,
see Figure 17
25°C
5 V
6
9
11.5
ns
Full
4.5 V to
5.5 V
4
12.5
QC
Charge injection
VGEN = 0,
RGEN = 0 ,
CL = 1 nF,
see Figure 20
25°C
5 V
1
pC
CNO(OFF)
NO
OFF
capacitance
VNO = V+ or GND,
Switch OFF,
See Figure 16
25°C
5 V
19
pF
CCOM(OFF)
COM
OFF
capacitance
VCOM = V+ or GND,
Switch OFF,
See Figure 16
25°C
5 V
18
pF
CNO(ON)
NO
ON capacitance
VNO = V+ or GND,
Switch ON,
See Figure 16
25°C
5 V
35.5
pF
CCOM(ON)
COM
ON capacitance
VCOM = V+ or GND,
Switch ON,
See Figure 16
25°C
5 V
35.5
pF
CI
Digital input
capacitance
VI = V+ or GND,
See Figure 16
25°C
5 V
2
pF
BW
Bandwidth
RL = 50 Ω,
Switch ON,
See Figure 18
25°C
5 V
200
MHz
OISO
OFF isolation
RL = 50 Ω,
f = 1 MHz,
Switch OFF,
see Figure 19
25°C
5 V
–64
dB
THD
Total harmonic
distortion
RL = 600 Ω,
CL = 50 pF,
f = 20 Hz to 20 kHz,
see Figure 21
25°C
5 V
0.005%
Supply
I+
Positive supply
current
VI = V+ or GND,
Switch ON or OFF
25°C
5.5 V
0.01
0.1
μA
Full
0.5
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
6.6 Electrical Characteristics for 3.3-V Supply
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
VCOM,
VNO
Analog signal
range
0
V+
V


Similar Part No. - TS5A3166DCKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3166DCKRG4 TI-TS5A3166DCKRG4 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
More results

Similar Description - TS5A3166DCKRG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501_06 Datasheet
103Kb / 10P
   Single SPST Analog Switch
May, 2006 ??Rev. 4
NLAS4501 ONSEMI-NLAS4501 Datasheet
135Kb / 10P
   Single SPST Analog Switch
November, 2004 ??Rev. 4
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A4596 TI-TS5A4596_08 Datasheet
456Kb / 18P
[Old version datasheet]   8-??SPST ANALOG SWITCH
TS5A4596 TI1-TS5A4596_14 Datasheet
890Kb / 22P
[Old version datasheet]   8- SPST ANALOG SWITCH
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_07 Datasheet
247Kb / 10P
   Quad, SPST Analog Switch
Rev 3; 6/07
MAX4613 MAXIM-MAX4613 Datasheet
122Kb / 8P
   Quad, SPST Analog Switch
Rev 0; 4/98
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com