Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCN10HB-32P-2.54DSA Datasheet(PDF) 8 Page - Hirose Electric

Part # PCN10HB-32P-2.54DSA
Description  Product Compliant to DIN41612/IEC603-2 Standard
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN10HB-32P-2.54DSA Datasheet(HTML) 8 Page - Hirose Electric

  PCN10HB-32P-2.54DSA Datasheet HTML 1Page - Hirose Electric PCN10HB-32P-2.54DSA Datasheet HTML 2Page - Hirose Electric PCN10HB-32P-2.54DSA Datasheet HTML 3Page - Hirose Electric PCN10HB-32P-2.54DSA Datasheet HTML 4Page - Hirose Electric PCN10HB-32P-2.54DSA Datasheet HTML 5Page - Hirose Electric PCN10HB-32P-2.54DSA Datasheet HTML 6Page - Hirose Electric PCN10HB-32P-2.54DSA Datasheet HTML 7Page - Hirose Electric PCN10HB-32P-2.54DSA Datasheet HTML 8Page - Hirose Electric PCN10HB-32P-2.54DSA Datasheet HTML 9Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
A33
BContact numbers
Receptacle straight type
Type C (Type B)
According to the inter-combination with DIN standard type C (type B) and type R (type Q), the contact numbers
and row numbers represent contact No. (No.1 to 32) and row No. (a, b, c).
qDIN standard type C and type R represent the 3-row 96 contacts type, including 32 contacts in single-row.
qDIN standard type B and type Q represent the 2-row 64 contacts type, including 32 contacts in single-row.
Note: The DIN connector is basically standardized in combination with straight and right angle types. As shown
above in illustrationss;
The contact numbers is matched in combination with (1)-(2) and (3)-(4), while the contact numbers are
inverted in combination with (1)-(2) and (3)-(4).
Pin header right angle type
Type C (Type B)
Pin header straight type
Type R (Type Q)
Receptacle right angle type
Type R (Type Q)
1
2
3
4


Similar Part No. - PCN10HB-32P-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN10HB-32P-2.54DSA HIROSE-PCN10HB-32P-2.54DSA Datasheet
2Mb / 37P
   Comply with IEC603-2/DIN41612 standard
More results

Similar Description - PCN10HB-32P-2.54DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN13-10S-2.54DSA HIROSE-PCN13-10S-2.54DSA Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
PCN10 HIROSE-PCN10 Datasheet
2Mb / 37P
   Comply with IEC603-2/DIN41612 standard
logo
FCI connector
8609XXX7313XX5 FCI-CONNECTOR-8609XXX7313XX5 Datasheet
214Kb / 1P
   DIN STANDARD HEADER(ANGLED SPILL DIN41612 STYLE-C/2)
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26_1 Datasheet
450Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26 Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com