Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4052BMT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD4052BMT
Description  CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4052BMT Datasheet(HTML) 3 Page - Texas Instruments

  CD4052BMT Datasheet HTML 1Page - Texas Instruments CD4052BMT Datasheet HTML 2Page - Texas Instruments CD4052BMT Datasheet HTML 3Page - Texas Instruments CD4052BMT Datasheet HTML 4Page - Texas Instruments CD4052BMT Datasheet HTML 5Page - Texas Instruments CD4052BMT Datasheet HTML 6Page - Texas Instruments CD4052BMT Datasheet HTML 7Page - Texas Instruments CD4052BMT Datasheet HTML 8Page - Texas Instruments CD4052BMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
by
bx
cy
OUT/IN CX OR CY
IN/OUT CX
INH
V
V
V
OUT/IN ax OR ay
SS
EE
DD
ay
ax
A
B
C
OUT/IN bx OR by
IN/OUT
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
0
2
COMMON “Y” OUT/IN
3
1
INH
V
V
V
1
SS
EE
DD
COMMON “X” OUT/IN
0
3
A
B
2
Y CHANNELS
IN/OUT
Y CHANNELS
IN/OUT
X CHANNELS
IN/OUT
X CHANNELS
IN/OUT
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
4
6
COM OUT/IN
7
5
INH
V
V
V
1
SS
EE
DD
0
3
A
B
C
2
CHANNELS IN/OUT
CHANNELS
IN/OUT
CHANNELS
IN/OUT
CD4051B, CD4052B, CD4053B
www.ti.com
SCHS047H – AUGUST 1998 – REVISED APRIL 2015
5 Pin Configuration and Functions
CD4051B E, M, NS, and PW Package
CD4052B E, M, NS, and PW Package
16-Pin PDIP, CDIP, SOIC, SOP, and TSSOP
16-Pin PDIP, CDIP, SOP, and TSSOP
(Top View)
(Top View)
CD4053B E, M, NS, and PW Package
16-Pin PDIP, CDIP, SOP, and TSSOP
(Top View)
Pin Functions CD4051B
PIN
I/O
DESCRIPTION
NO.
NAME
1
CH 4 IN/OUT
I/O
Channel 4 in/out
2
CH 6 IN/OUT
I/O
Channel 6 in/out
3
COM OUT/IN
I/O
Common out/in
4
CH 7 IN/OUT
I/O
Channel 7 in/out
5
CH 5 IN/OUT
I/O
Channel 5 in/out
6
INH
I
Disables all channels. See Table 1.
7
VEE
Negative power input
8
VSS
Ground
9
C
I
Channel select C. See Table 1.
10
B
I
Channel select B. See Table 1.
11
A
I
Channel select A. See Table 1.
12
CH 3 IN/OUT
I/O
Channel 3 in/out
13
CH 0 IN/OUT
I/O
Channel 0 in/out
14
CH 1 IN/OUT
I/O
Channel 1 in/out
15
CH 2 IN/OUT
I/O
Channel 2 in/out
16
VDD
Positive power input
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CD4051B CD4052B CD4053B


Similar Part No. - CD4052BMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4052BMT TI-CD4052BMT Datasheet
430Kb / 20P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4052BMT TI-CD4052BMT Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4052BMT TI-CD4052BMT Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4052BMT TI1-CD4052BMT Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
CD4052BMTE4 TI-CD4052BMTE4 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
More results

Similar Description - CD4052BMT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
HCF4051B STMICROELECTRONICS-HCF4051B_02 Datasheet
543Kb / 10P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com