Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF7-16P-2.54DS Datasheet(PDF) 2 Page - Hirose Electric

Part # MDF7-16P-2.54DS
Description  2.54mm Pitch Bottom Entry Type Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

MDF7-16P-2.54DS Datasheet(HTML) 2 Page - Hirose Electric

  MDF7-16P-2.54DS Datasheet HTML 1Page - Hirose Electric MDF7-16P-2.54DS Datasheet HTML 2Page - Hirose Electric MDF7-16P-2.54DS Datasheet HTML 3Page - Hirose Electric MDF7-16P-2.54DS Datasheet HTML 4Page - Hirose Electric MDF7-16P-2.54DS Datasheet HTML 5Page - Hirose Electric MDF7-16P-2.54DS Datasheet HTML 6Page - Hirose Electric MDF7-16P-2.54DS Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A248
qe
wr
t
q Series Name
: MDF7
w Number of contacts : 3 to 46
e Connector Type
S : Single row receptacle
D : Double row receptacle
P : Single row pin header
DP: Double row pin header
r Contact Pitch
: 2.54mm
t Contact type
DSA: Straight through hole
DS : Right Angle through hole
sOrdering Information
sProduct Specifications
Rating
Current rating: 3A
Operating Temperature Range: -30ç to +85ç(Note 1)
Storage Temperature Range: -10ç to +60ç (Note 2)
Voltage rating: 250V AC Operating Humidity Range: 40% to 70%
Storage Humidity Range: 40% to 70%(Note 2)
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature
Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during
transportation.
sMaterial
Product
Part
Material
Finish
Remarks
Insulator
Polyamide
Black
UL94V-0
Receptacle
Contact
Phosphor bronze
Tin plated or gold plated
–––––––
Insulator
PBT
Main unit: Black/Locator: Gray
UL94V-0
Pin Header
Contact
Brass
Tin plated or gold plated
–––––––
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min.
500V DC
2. Withstanding voltage
No flashover or insulation breakdown.
650V AC/1 minute
3. Contact Resistance
30m ohms max.
100mA
4. Single Insertion/Extraction Force MIN 0.4N(40gf), MAX 4.4N(450gf)
Measured by the square steel pin with 0.635±0.002mm
5. Vibration
No electrical discontinuity of 1µs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
6.
Humidity (Steady state)
Contact resistance: 30m ohms max.
96 hours at temperature of
Insulation resistance: 500M ohms min.
40ç and humidity of 90% to 95%
7. Temperature Cycle
Contact resistance: 30m ohms max.
(-55ç: 30 minutes, 5 to 35ç: 10 minutes
Insulation resistance: 1000M ohms min.
(-85ç: 30 minutes, 5 to 35ç: 10 minutes) 5cycles
8. Durability
Contact resistance: 30m ohms max.
Tin plating
: 30 cycles
(Mating/un-mating)
Gold plating
: 50 cycles
9. Resistance to Soldering heat
No deformation of components affecting performance.
Flow: 250ç for 10 seconds
Manual soldering: 300ç for 3 seconds
MDF7
- * S - 2.54 DSA


Similar Part No. - MDF7-16P-2.54DS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MDF76 HIROSE-MDF76 Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-2836PCFA HIROSE-MDF76-2836PCFA Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-2836PCFA(41) HIROSE-MDF76-2836PCFA(41) Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76-30P-1C HIROSE-MDF76-30P-1C Datasheet
501Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
MDF76GW-30P-1C HIROSE-MDF76GW-30P-1C Datasheet
490Kb / 12P
   1.0 mm Pitch, Board-to-Wire LCD Interface Connectors
More results

Similar Description - MDF7-16P-2.54DS

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
200189FA SUYIN-USA-200189FA Datasheet
185Kb / 1P
   2.0mm DUAL ROW SOCKET S.M.D. BOTTOM ENTRY TYPE
logo
Molex Electronics Ltd.
0022142204 MOLEX2-0022142204 Datasheet
631Kb / 17P
   2.54mm (.100) Pitch KK짰 PC Board Connector, Bottom Entry, 2.54關m (100關
logo
Adam Technologies, Inc.
MTJ-66KA-A-01 ADAM-TECH-MTJ-66KA-A-01 Datasheet
87Kb / 1P
   BOTTOM ENTRY MODULAR JACK CENTERLATCH
logo
Molex Electronics Ltd.
0026116155 MOLEX3-0026116155 Datasheet
226Kb / 4P
   3.96mm (.156") Pitch KK PC Board Connector, Bottom Entry, Nylon Connector
logo
Japan Aviation Electron...
FI-XPB30SL-HF10 JAE-FI-XPB30SL-HF10 Datasheet
139Kb / 1P
   BOTTOM TYPE
logo
Molex Electronics Ltd.
0038001408 MOLEX3-0038001408 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 18 Circuits
0038001410 MOLEX3-0038001410 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 20 Circuits
0038001400 MOLEX3-0038001400 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Bottom Entry, with Cat Ear Terminal, 10 Circuits
0038001399 MOLEX3-0038001399 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 9 Circuits
0038001404 MOLEX3-0038001404 Datasheet
631Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, with Cat Ear Terminal, 14 Circuits
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com