Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16N10 Datasheet(PDF) 2 Page - Stanson Technology

Part # ST16N10
Description  TO-252 Package design
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST16N10 Datasheet(HTML) 2 Page - Stanson Technology

  ST16N10 Datasheet HTML 1Page - Stanson Technology ST16N10 Datasheet HTML 2Page - Stanson Technology ST16N10 Datasheet HTML 3Page - Stanson Technology ST16N10 Datasheet HTML 4Page - Stanson Technology ST16N10 Datasheet HTML 5Page - Stanson Technology ST16N10 Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ST16N10
N Channel Enhancement Mode MOSFET
12.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2009, Stanson Corp.
ST16N10 2009. V1
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
(TJ=150℃)
TA=25℃
TA=100℃
ID
12.0
6.0
A
Pulsed Drain Current
IDM
50
A
Continuous Source Current (Diode Conduction)
IS
15
A
Power Dissipation
TA=25℃
PD
79
W
Operation Junction Temperature
TJ
150
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
110
/W


Similar Part No. - ST16N10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST16N10 VBSEMI-ST16N10 Datasheet
1,008Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
ST16N10 DOINGTER-ST16N10 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - ST16N10

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST04N20D STANSON-ST04N20D Datasheet
862Kb / 7P
   TO-252 package design
ST18N10D STANSON-ST18N10D Datasheet
619Kb / 6P
   TO-252 Package design
ST25N10 STANSON-ST25N10 Datasheet
866Kb / 6P
   TO-252 package design
logo
Foshan Blue Rocket Elec...
MBRD1040 FOSHAN-MBRD1040 Datasheet
666Kb / 6P
   TO-252 Plastic package Schottky diode
MBRD2045CT FOSHAN-MBRD2045CT Datasheet
710Kb / 6P
   TO-252 Plastic package Schottky diode
logo
Continental Device Indi...
TO-252 CDIL-TO-252 Datasheet
240Kb / 5P
   TO-252 (DPAK) SMD Plastic Package
logo
Foshan Blue Rocket Elec...
BTB08D FOSHAN-BTB08D Datasheet
1Mb / 8P
   Triac in a TO-252 Plastic Package
logo
Cystech Electonics Corp...
MTA55N20J3 CYSTEKEC-MTA55N20J3 Datasheet
397Kb / 9P
   TO-252
logo
Foshan Blue Rocket Elec...
LV10100DCT FOSHAN-LV10100DCT Datasheet
721Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
78M05 FOSHAN-78M05 Datasheet
771Kb / 6P
   Voltage Regulator in a TO-252 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com