Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES1DF Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # ES1DF
Description  1A, 200V - 600V Surface Mount Super Fast Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES1DF Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  ES1DF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES1DF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES1DF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES1DF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.25
1.60
0.049
0.063
B
2.40
2.80
0.094
0.110
C
3.30
4.30
0.130
0.169
D
0.90
1.10
0.035
0.043
E
0.10
0.25
0.004
0.010
F
0.70
1.20
0.028
0.047
G
4.40
5.20
0.173
0.205
MARKING DIAGRAM
P/N
= Specific Device Code
G
= Green compound Code
YW
= Date Code
F
= Factory Code
Version: B1604
SMAF
DIM.
Unit (mm)
Unit (inch)
ES1DF - ES1JF
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
0
5
10
15
20
25
30
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p


Similar Part No. - ES1DF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1DF PANJIT-ES1DF Datasheet
269Kb / 4P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
ES1DF HOTTECH-ES1DF Datasheet
152Kb / 3P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Rectron Semiconductor
ES1DF RECTRON-ES1DF Datasheet
382Kb / 5P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
Microdiode Electronics ...
ES1DF CHENDA-ES1DF Datasheet
628Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Nanjing International G...
ES1DF DGNJDZ-ES1DF Datasheet
142Kb / 2P
   1.0AMPSUPERFASTRECTIFIERS
More results

Similar Description - ES1DF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
ES1DFL TSC-ES1DFL Datasheet
362Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1DLW TSC-ES1DLW Datasheet
202Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1LD TSC-ES1LD Datasheet
424Kb / 7P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
ES1D-T TSC-ES1D-T Datasheet
190Kb / 4P
   1A, 200V - 600V Surface Mount Super Fast Rectifiers
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
   1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
ES2DF TSC-ES2DF Datasheet
362Kb / 4P
   2A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2D-T TSC-ES2D-T Datasheet
371Kb / 4P
   2A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Memory Technolog...
ES1A TMT-ES1A_16 Datasheet
366Kb / 4P
   1A, 50V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ESH1DM TSC-ESH1DM Datasheet
413Kb / 4P
   1A, 200V - 600V Surface Mount Ultrafast Rectifiers
logo
Shindengen Electric Mfg...
D1NL20U SHINDENGEN-D1NL20U Datasheet
385Kb / 6P
   Super Fast Recovery Rectifiers(200V 1A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com