Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU404-K Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # GBU404-K
Description  4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU404-K Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  GBU404-K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU404-K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBU404-K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBU404-K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
21.80
22.30
0.858
0.878
B
3.50
4.10
0.138
0.161
C
7.40
7.90
0.291
0.311
D
1.65
2.16
0.065
0.085
E
2.06
2.54
0.081
0.100
F
1.02
1.27
0.040
0.050
G
4.83
5.33
0.190
0.210
H
1.91
2.54
0.075
0.100
I
18.30
18.80
0.720
0.740
J
17.50
18.00
0.689
0.709
K
3.30
3.56
0.130
0.140
L
2.40
2.66
0.094
0.105
M
0.46
0.56
0.018
0.022
P/N
= Marking code
YW
= Date Code
F
= Factory Code
Version: B1603
MARKING DIAGRAM
GBU
GBU404-K - GBU407-K
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
GBU404
GBU405-
GBU407
f=1.0MHz
Vslg=50mVp-p


Similar Part No. - GBU404-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU404-K TSC-GBU404-K Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU404-K TSC-GBU404-K_16 Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBU404-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU404-K TSC-GBU404-K_16 Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBLA005 TSC-GBLA005_16 Datasheet
207Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU401 TSC-GBU401_16 Datasheet
213Kb / 4P
   4A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU604-K TSC-GBU604-K_16 Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBL005 TSC-GBL005_16 Datasheet
211Kb / 4P
   4A, 50V - 1000V Glass Passivated Single Phase Bridge Rectifiers
GBU604-K TSC-GBU604-K Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K_16 Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
KBPF404G TSC-KBPF404G Datasheet
362Kb / 5P
   4A, 400V - 1000V Glass Passivated Bridge Rectifier
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com