Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU607-K Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GBU607-K
Description  6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU607-K Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GBU607-K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU607-K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBU607-K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBU607-K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
GBU606-K
(TA=25°C unless otherwise noted)
Version: B1603
GBU604-K - GBU607-K
Taiwan Semiconductor
PACKAGE
ORDERING INFORMATION
PACKING CODE
D2
GBU606-K D2
D2
PACKING CODE
RATINGS AND CHARACTERISTICS CURVES
EXAMPLE P/N
EXAMPLE
GBU
20 / Tube
PACKING
Note 1: "x" defines voltage from 50V (GBU601) to 1000V (GBU607)
GBU60x-K
(Note 1)
0
2
4
6
8
10
0
25
50
75
100
125
150
CASE TEMPERATURE (°C)
FIG.1 FORWARD CURRENT DERATING CURVE
Resister or
inductive load
with heatsink
0
25
50
75
100
125
150
175
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms single half sine wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS


Similar Part No. - GBU607-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU607-K TSC-GBU607-K Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBU607-K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU604-K TSC-GBU604-K_16 Datasheet
183Kb / 4P
   6A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU404-K TSC-GBU404-K_16 Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU404-K TSC-GBU404-K Datasheet
187Kb / 4P
   4A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU804-K TSC-GBU804-K_16 Datasheet
187Kb / 4P
   8A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
GBU601 TSC-GBU601_16 Datasheet
209Kb / 4P
   6A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
DBLS204G-T TSC-DBLS204G-T_16 Datasheet
296Kb / 4P
   2A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS15P04G-K TSC-TS15P04G-K_16 Datasheet
204Kb / 4P
   15A, 400V - 1000V Glass Passivated Bridge Rectifiers
GBU2504 TSC-GBU2504 Datasheet
310Kb / 5P
   25A, 400V - 1000V Glass Passivated Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com