Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAX850-S Datasheet(PDF) 2 Page - LEM

Part # HAX850-S
Description  Current Transducers HAX 500 to 2500-S
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAX850-S Datasheet(HTML) 2 Page - LEM

  HAX850-S Datasheet HTML 1Page - LEM HAX850-S Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEM reserves the right to change limits and dimensions.
108
64
126
144
1
1
4
1
45°
Positive Current Flow
MOLEX Connector
5045-04A
Pins arrangement:
1
2
3
4
(+)
(-) Output 0V
Fixation by base-plate or on bus bar
with M5 screws
56
18.5
18.5
11
11
HAX 500 to 2500-S
Dimensions (in mm)


Similar Part No. - HAX850-S

ManufacturerPart #DatasheetDescription
logo
LEM
HAX850-S LEM-HAX850-S Datasheet
495Kb / 2P
   Current Transducer
HAX850-S LEM-HAX850-S Datasheet
640Kb / 3P
   Current Transducer
More results

Similar Description - HAX850-S

ManufacturerPart #DatasheetDescription
logo
LEM
HAS50-S LEM-HAS50-S Datasheet
48Kb / 2P
   Current Transducers HAS 50 to 600-S
CT100-S LEM-CT100-S Datasheet
52Kb / 2P
   Current Transducers CT 100-S
HAC100-S LEM-HAC100-S Datasheet
27Kb / 2P
   Current Transducers HAC 100 ~800-S
HY50P LEM-HY50P_12 Datasheet
321Kb / 2P
   Current Transducers
HTC1000-S LEM-HTC1000-S Datasheet
130Kb / 2P
   Current Transducers HTC 1000~3000-S
HAC100 LEM-HAC100 Datasheet
840Kb / 3P
   Current Transducers
HAZ4000-SRU LEM-HAZ4000-SRU Datasheet
250Kb / 3P
   Current Transducers
HAZ6000-SRI LEM-HAZ6000-SRI Datasheet
249Kb / 3P
   Current Transducers
HTB100-P LEM-HTB100-P_07 Datasheet
652Kb / 2P
   Current Transducers
HY5-P LEM-HY5-P_06 Datasheet
685Kb / 2P
   Current Transducers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com